Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPRI-IP Datasheet(PDF) 2 Page - Logic Fruit Technologies

Part # CPRI-IP
Description  Master and Slave RTL IP Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LFTECH [Logic Fruit Technologies]
Direct Link  https://www.logic-fruit.com/
Logo LFTECH - Logic Fruit Technologies

CPRI-IP Datasheet(HTML) 2 Page - Logic Fruit Technologies

  CPRI-IP Datasheet HTML 1Page - Logic Fruit Technologies CPRI-IP Datasheet HTML 2Page - Logic Fruit Technologies CPRI-IP Datasheet HTML 3Page - Logic Fruit Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
806, 8th Floor BPTP
Park Centra Sector–30,
NH–8 Gurgaon – 122001
Haryana (India)
+91-0124 4643950
+1-408 718 9782
info@logic-fruit.com
us@logic-fruit.com
Specifications
Master / Slave
Runtime
Configuration
8b10b Link Layer
64b66b Link Layer
RS FEC
Fast C&M Channel
(Ethernet GMII)
Slow C&M Channel
(HDLC Data)
Vendor Specific
Data
CPRI Standard v7.0
Supported
Supported
Supported
Supported
Supported
Supported
Supported
IP Specifications
Design Files
Test Bench
Testcases
Simulation results
VHDL
VHDL
VHDL
Log Files
Provided With Core
Design Entry Tools
Simulation Done with
Validated Hardware
Vivada
Vivado, Modelsim
Xilinx Zync FPGA
Design Flow Used
Generics
Range
Remark
0 - CPRI
Master (REC),
1 - CPRI Slave
(RE)
is_Master
0,1
Option Data Rates
(Gbps)
Length of
Word(bits) Encoding
1
8
8B/10B
0.6144
2
16
8B/10B
1.2288
3
32
8B/10B
2.4576
4
40
8B/10B
3.072
5
64
8B/10B
4.9152
6
80
8B/10B
6.144
7
128
8B/10B
9.8304
8
160
64B/66B
10.1376
7A
128
64B/66B
8.11008
9
192
64B/66B
12.16512
10
384
64B/66B
24.33024
Benefits
Supported Data Rates
Configuration(Generics)
Provides a framework to facilitate
Radio Equipment products
development for mobile
telecommunications systems.
All the Base station manufacturers can
use one standard protocol.
Targets high-performance, remote
radio network applications.
Applicable to the Latest
Telecommunication Systems.
Applicable in 4G Fronthaul and
WiMax.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com