Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA2402ES7P2 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ACA2402ES7P2
Description  750/870 MHz CATV Push-Pull Line Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2402ES7P2 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ACA2402ES7P2 Datasheet HTML 1Page - ANADIGICS, Inc ACA2402ES7P2 Datasheet HTML 2Page - ANADIGICS, Inc ACA2402ES7P2 Datasheet HTML 3Page - ANADIGICS, Inc ACA2402ES7P2 Datasheet HTML 4Page - ANADIGICS, Inc ACA2402ES7P2 Datasheet HTML 5Page - ANADIGICS, Inc ACA2402ES7P2 Datasheet HTML 6Page - ANADIGICS, Inc ACA2402ES7P2 Datasheet HTML 7Page - ANADIGICS, Inc ACA2402ES7P2 Datasheet HTML 8Page - ANADIGICS, Inc ACA2402ES7P2 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Data Sheet - Rev 2.0
10/2005
ACA2402E
Table 4: AC and DC Electrical Specifications
(TA = +25 °C, VDD = +24 VDC)
Notes:
(1) Measured with baluns on the input and output of the device.
(2) Flat output, +42 dBmV per channel.
(3) Flat output, +40 dBmV per channel.
4. All specifications as measured on Evaluation Board (see Figures 7 & 8).
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
n
i
a
G
)
1
(
0
.
1
28
.
1
25
.
2
2B
d
e
p
o
l
S
t
n
e
l
a
v
i
u
q
E
e
l
b
a
C
)
1
(
-0
-
B
d
s
s
e
n
t
a
l
F
n
i
a
G
)
1
(
z
H
M
0
7
8
o
t-
2
.
0
±-
B
d
e
r
u
g
i
F
e
s
i
o
N
)
1
(
-5
.
30
.
4B
d
B
T
C
)
1
(
s
l
e
n
n
a
h
C
7
7
)
2
(
s
l
e
n
n
a
h
C
0
1
1
)
3
(
s
l
e
n
n
a
h
C
8
2
1
)
3
(
-
-
-
-
6
6
-
3
6
-
8
6
-
-
-
c
B
d
O
S
C
)
1
(
s
l
e
n
n
a
h
C
7
7
)
2
(
s
l
e
n
n
a
h
C
0
1
1
)
3
(
s
l
e
n
n
a
h
C
8
2
1
)
3
(
-
-
-
-
2
6
-
9
5
-
2
6
-
-
-
c
B
d
D
O
M
X
)
1
(
s
l
e
n
n
a
h
C
7
7
)
2
(
s
l
e
n
n
a
h
C
0
1
1
)
3
(
s
l
e
n
n
a
h
C
8
2
1
)
3
(
-
-
-
-
0
6
-
7
5
-
0
6
-
-
-
c
B
d
)
t
u
p
t
u
O
/t
u
p
n
I
(
s
s
o
L
n
r
u
t
e
R
)
1
(
8
12
2-
B
d5
7
Ω
m
e
t
s
y
s
t
n
e
r
r
u
C
y
l
p
p
u
S0
3
20
5
25
6
2A
m
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T-
-
8
.
3
o
W
/
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com