Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C182 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C182
Description  Precision 1-10 Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C182 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C182 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C182 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C182 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C182 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C182 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C182 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C182 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PI6C182
Precision 1-10 Clock Buffer
4
PS8165D
07/19/04
SDRAM Clock Buffer Operating Specification
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IOHMIN
Pull-up current
VOUT = 2.0V
-40
mA
IOHMAX
Pull-up current
VOUT = 3.135V
36
IOLMIN
Pull-down current
VOUT = 1.0V
40
IOLMAX
Pull-down current
VOUT = 0.4V
38
AC Timing
Symbol
Parameter
66 MHz
100 MHz
125MHz
Units
Min.
Max.
Min.
Max.
Min.
Max.
tSDRISE
SDRAM CLK rise time
1.5
4.0
1.5
4.0
1.5
4.0
V/ns
tSDFALL
SDRAM CLK fall time
1.5
4.0
1.5
4.0
1.5
4.0
tPLH
SDRAM Buffer LH prop delay
1.0
5.5
1.0
5.5
1.0
5.5
ns
tPHL
SDRAM Buffer HL prop delay
1.0
5.5
1.0
5.5
1.0
5.5
tPZL, tPZH
SDRAM Buffer Enable delay(1)
1.0
8.0
1.0
8.0
1.0
8.0
tPLZ, tPHZ
SDRAM Buffer DIsable delay(1)
1.0
8.0
1.0
8.0
1.0
8.0
Duty Cycle
Measured at 1.5V
45
55
45
55
45
55
%
tSDSKW
SDRAM Output-to-Output skew
250
250
200
ps
DC Operating Specifications (VDD = +3.3V ±5%, TA = 0°C - 70°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Input Voltage
VIH
Input High voltage
VDD
2.0
VDD +0.3
V
VIL
Input Low voltage
VSS -0.3
0.8
IIL
Input leakage current
0 < VIN < VDD
-5
5
mA
VDD [0-9] = 3.3V ±5%
VOH
Output High voltage
IOH = -1mA
2.4
V
VOL
Output Low voltage
IOL = 1mA
0.4
COUT
Output pin capacitance
6
pF
CIN
Input pin capacitance
5
LPIN
Pin Inductance
7
nH
TA
Ambient Temperature
No Airflow
0
70
°C
Note:
1. This Parameter specified at 5MHz input frequency.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com