Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C182H Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C182H
Description  Precision 1-10 Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C182H Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C182H Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PI6C182
Precision 1-10 Clock Buffer
3
PS8165D
07/19/04
Byte1: SDRAM Active/Inactive Register
(1 = enable, 0 = disable)
Bit
Pin
Description
7
27
SDRAM7 (Active/Inactive)
6
26
SDRAM6 (Active/Inactive)
5
23
SDRAM5 (Active/Inactive)
4
22
SDRAM4 (Active/Inactive)
3
NC (Initialize to 0)
2
NC (Initialize to 0)
1
NC (Initialize to 0)
0
NC (Initialize to 0)
Byte2: Optional Register for Possible Future
Requirements (1 = enable, 0 = disable)
Bit
Pin
Description
7
18
SDRAM9 (Active/Inactive)
6
11
SDRAM8 (Active/Inactive)
5
(Reserved)
4
(Reserved)
3
(Reserved)
2
(Reserved)
1
(Reserved)
0
(Reserved)
2-Wire I2C Control
The I2C interface permits individual enable/disable of each clock
output and test mode enable.
The PI6C182 is a slave receiver device. It can not be read back.
Sub addressing is not supported. All preceding bytes must be sent
in order to change one of the control bytes.
Every byte put on the SDATA line must be 8-bits long (MSB
first), followed by an acknowledge bit generated by the receiving
device.
During normal data transfers SDATAchanges only when SCLOCK
is LOW. Exceptions: AHIGH to LOW transition on SDATAwhile
SCLOCK is HIGH indicates a “start” condition. A LOW to HIGH
transition on SDATAwhile SCLOCK is HIGH is a “stop” condition
and indicates the end of a data transfer cycle.
Each data transfer is initiated with a start condition and ended with
a stop condition. The first byte after a start condition is always a
7-bit address byte followed by a read/write bit. (HIGH = read from
addressed device, LOW= write to addressed device). If the device’s
own address is detected, PI6C182 generates an acknowledge by
pulling SDATA line LOW during ninth clock pulse, then accepts
the following data bytes until another start or stop condition is
detected.
Following acknowledgement of the address byte (D2), two more
bytes must be sent:
1. “Command Code” byte
2. “Byte Count” byte.
Although the data bits on these two bytes are “don’t care,” they
must be sent and acknowledged.
Storage Temperature............................................................–65°C to +150°C
Ambient Temperature with Power Applied.............................–0°C to +70°C
3.3V Supply Voltage to Ground Potential ..............................–0.5V to +4.6V
DC Input Voltage....................................................................–0.5V to +4.6V
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Supply Current (VDD = +3.465V, CLOAD = Max.)
Symbol
Parameter
Test Condidtion
Min.
Typ.
Max.
Units
IDD
Supply Current
BUF_IN = 0 MHz
2
mA
IDD
BUF_IN = 66.66 MHz
180
IDD
BUF_IN = 100.00 MHz
240
IDD
BUF_IN = 133.00 MHz
360



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com