Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3150-RJ90A Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-3150-RJ90A
Description  15 Fanless Panel PC with Intel® Celer-on Quad Core J1900 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3150-RJ90A Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-3150-RJ90A Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3150-RJ90A Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
PPC-3150-RJ90
Dimensions
Unit: mm
I/O Appearance
Ordering Information
Part Number
Description
PPC-3150-RJ90A
Intel Celeron J1900 with 15" LED Panel, Res. T/S,
5 x RS-232, 1 x RS-232/422/485
PPC-3150-RJ90B
Intel Celeron J1900 with 15" LED Panel, Res. T/S,
5 x RS-232, 1 x RS-232/422/485
PS-DC19-65AE
Adapter AC100-240V 65W 19V 3.42A
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
1700008921
Power cord 3P/3P Power Supply 1.8M PSE
96CB-POWER-B-1.8MB Power code 3P CCC(China) 1.8M
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-STAND-A1E
Stand For PPC Series (single acting hinge)
PPC-ARM-A03
PPC ARM VESA Standard
Note:
PPC-3150-RJ90Ax:Intel I211-AT/I210AT, 1GbE LAN chipset
PPC-3150-RJ90Bx:Realtek 8119i, 1GbE LAN chipset
Panel Cutout Dimensions: 381.00 x 302.00 mm
A
C
D E F
I
J K
G
H
B
A. 4 x RS-232 (optional by request)
B. 2 x RS-422/485 (optional by request)
C. 2 x RS-232 (optional by request)
D. 2 x RS-232
E. 1 x USB3.0
F. 3 x USB2.0
G. 2 x LAN
H. 3 x RS-232
I. 1 x RS-232/422/485
J. DC-In
K. Power button
75.0
379.4
392.3
284.0
69.2
25.5
7.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com