Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3150-RJ90B Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3150-RJ90B
Description  15 Fanless Panel PC with Intel® Celer-on Quad Core J1900 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3150-RJ90B Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3150-RJ90B Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3150-RJ90B Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-3150-RJ90
ƒ
15" TFT XGA LED Panel with resistive touchscreen
ƒ
Embedded Intel Celeron processor, quad core J1900 2.0GHz onboard
ƒ
System memory up to 8GB DDR3L 1333 SDRAM
ƒ
Supports one internal SATA 2.5" HDD
ƒ
Supports one Mini PCIe socket, two Gigabit Ethernet
ƒ
Fanless and compact size with low power consumpution
ƒ
Supports five RS-232 and one RS-232/422/485, besides six RS-232 and two
RS-422/485 are optional by request
ƒ
Supports one mSATA socket
15" Fanless Panel PC with Intel® Celer-
on Quad Core J1900 Processor
Introduction
The PPC-3150-RJ90A is a valued and reliable 15" Panel PC. With an onboard Intel Celeron processor J1900, it features low power consumption and good performance. The
PPC-3150-RJ90A is highly reliable because of its 15" TFT XGA LED panel, 5-wire resistive touch screen and fanless design. It provides fourteen serial ports, four USB ports, and
two GbE LAN to satisfy various industrial applications especially industrial equipment makers and product line monitors. With a compact and slim design, the PPC-3150-RJ90A
provides can be easily integrated in industrial systerms.
Specifications
Processor System
CPU
Intel® Celeron J1900, Quad core
Frequency
2.0 GHz
2nd Cache
2 MB
Memory
1 x SO-DIMM, DDR3L 1333, Max 8 GB
Storage
1 x 2.5" SATA Bay
1 x mSATA Bay
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I211-AT/I210AT A ver. or Realtek 8119i B ver.)
I/O ports
5 x RS-232, 1 x RS-232/422/485(Adjustable through BIOS)
6 x RS-232 and 2 x RS-422/485 (optional by request)
1 x USB 3.0, 3 x USB 2.0
1 x VGA & 1 x HDMI (optional by request)
Expansion
1 x Full size Mini PCIe slot
Watchdog Timer
255 timer levels, set up by software
Physical
Characteristics
Dimensions
392.3 x 313.6 x 69.2 mm
Weight
4.9 Kg
OS Support
OS Support
Microsoft® Windows 7 (32/64 bit)/10 (64 bit), Linux
Power Comsumption
Input Voltage
12- 24 VDC
Power Consumption
36W (Buru-in test 8.0 in Windows 7 64 bit)
LCD Display
Display Type
15" TFT LCD (LED backlight)
Resolution
1024 x 768
Viewing Angle
88(left), 88 (right), 88 (up), 88(down)
Luminance (cd/m2)
300
Contrast Ratio
2000
Backlight Lifetime
50,000 hrs (Min.)
Touchscreen
Touch Type
Resistive 5 wires
Light Transmission
80±3%
Controller
USB interface
Durability (Touches)
36 million
Environment
Operating Temperature
0 ~ 50°C (32 ~ 122°F) with SSD
0 ~ 40°C (32 ~ 104°F) with HDD
Storage Temperature
-40 ~ 60°C (-40 ~ 140°F)
Relative Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms @with HDD; 2Grms @with SSD, follow IEC 60068-2-64
EMC
CCC
Safety
CCC
Front Panel Protection
IP65 compliant
All product specifications are subject to change without notice.
Last updated: 1-Aug-2022


Similar Part No. - PPC-3150-RJ90B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3150-RE4AE ADVANTECH-PPC-3150-RE4AE Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
More results

Similar Description - PPC-3150-RJ90B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_15 Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3170-RE4AE ADVANTECH-PPC-3170-RE4AE Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3190-RE4AE ADVANTECH-PPC-3190-RE4AE Datasheet
463Kb / 2P
19" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-315-EHL ADVANTECH-PPC-315-EHL Datasheet
437Kb / 2P
15 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-324W-PN4 ADVANTECH-PPC-324W-PN4 Datasheet
438Kb / 2P
23.8 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
28-Jul-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3180SW ADVANTECH-PPC-3180SW Datasheet
410Kb / 2P
18.5 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
1-Aug-2022
PPC-3190 ADVANTECH-PPC-3190 Datasheet
393Kb / 2P
19 Fanless Panel PC with Intel® Atom™ Quad-Core Processor
28-Jul-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
logo
AAEON Technology
OMNI-3155-BT AAEON-OMNI-3155-BT Datasheet
429Kb / 2P
15” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com