Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3170 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-3170
Description  17 Fanless Panel PC with Intel Atom™ Quad-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3170 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-3170 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3170 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
Dimensions
Unit: mm
PPC-3170
I/O View
A. 1 x Expansion slot x 1 (PCI or PCIe x1)
B. Mic-in/Line-out
C. 2 x Intel Gigabit Ethernet
D. 1 x DisplayPort
E. 2 x RS-232
F. 1 x Isolated RS-422/485
G. Power Button
H. DC inlet and AT/ATX switch
I. 1 x VGA
J. 1 x USB 3.0, 3 x USB 2.0
Ordering Information
Part Number
Description
PPC-3170-RE4BE
Intel Atom E3845 Panel PC with 17" LED panel, Res.
T/S, assembled in China
PPC-3170-RE4CE
Intel Atom E3845 Panel PC with 17" LED panel, Res.
T/S, assembled in China
PPC-3170-RE4BU
Intel Atom E3845 Panel PC with 17" LED panel, Res.
T/S, assembled in Taiwan
PPC-3170-RE4CU
Intel Atom E3845 Panel PC with 17" LED panel, Res.
T/S, assembled in Taiwan
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-ARM-A03
PPC ARM VESA Standard
PPC-3150-COME
Module to install either two additional RS-232 port or
one additional RS-232 and one GPIO for PPC-3150/
PPC-3170
96PSA-A90W19OT-3
A/D 100-240V 90W 19V C6 TERMINAL 2 PIN 62368
1700001524
Power cord 3P UL 10A 125V 1.8M
170203183C
Power cord 3P Europe (WS-010+083) 183cm
1700008921
Power cord 3P/3P 1.8M PSE
96CB-POWER-B-1.8MB
Power code 3P CCC(China) 1.8M
98R3175R00E
19" Rack Mounting kits for PPC
PPC-STAND-A1E
Stand For PPC Series
98R3C31500E
PPC-315/317/319 internal USB dongle kits
98R3C31510E
PPC-3150/3170 install CF card kits
98R3C31520E
PPC-3150/PPC-3170 CFast card kits
Note:
Add C ver. to ensure supply, no influence on function change.
A
B
E
C
D
F
G
H
I
J
Panel Cutout Dimensions: 427 x 347 mm (16.81 x 13.66 in)
425.00
75.00
437.00
184.71



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com