Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3180SW Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3180SW
Description  18.5 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3180SW Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3180SW Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3180SW Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-3180SW
18.5" Fanless Widescreen Panel PC with
Intel® Pentium® N4200 Quad-Core
Processor
ƒ
18.5" true-flat TFT LCD with projected capacitive touch control
ƒ
Fanless design with low power consumption
ƒ
Supports 1 x internal 2.5" SATA HDD and 1 x mSATA
ƒ
Configurable RS-232/422/485 ports via BIOS
ƒ
Automatic data flow control over RS-485
ƒ
Wide range DC support (12 ~ 24 VDC)
ƒ
Supports dual displays
ƒ
IP66-rated front panel
Introduction
The PPC-3180SW is a high-value, ultra-slim panel PC equipped with a 18.5" WXGA TFT LCD, and low-power Intel® Pentium® N4200 quad-core, 1.1 GHz, processor to provide high-
performance computing in a compact and fanless system. For high durability and functionality, the PPC-3180SW features an IP66-rated front panel, multi-touch projected capacitive
touchscreen, die cast aluminum alloy enclosure, two serial ports, four USB ports, and two GbE LAN ports, making it suitable for diverse industrial applications.
Specifications
System
CPU
Intel Pentium® N4200 quad Core
Frequency
1.1GHz, turbo boot to 2.5GHz
L2 Cache
3 MB
Memory
1 x SODIMM, DDR3L 1600/1866, max. 8 GB
Storage
1 x 2.5" SATA bay (optional; requires a bracket module for installation)
1 x mSATA bay
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I211-AT/I210AT A ver.) or 2.5GbE (Intel I225LM B ver.)
I/O
2 x Serial ports: 1 x RS-232, 1 x RS-232/422/485
2 x USB 3.0, 2 x USB 2.0
1 x Line-out
1 x HDMI
Expansion
1 x Mini PCIe
Watchdog Timer
255 timer levels, set up by software
Speaker
2 x 1W
Physical
Characteristics
Dimensions
488 x 309 x 58.45 mm (19.21 x 12.16 x 2.3 in)
Weight
5.4 kg (11.90 lb)
OS Support
OS Support
Microsoft® Windows 10(64-bit), Windows 10 IOT LTSC, Linux, Android 8.1
Power Comsumption
Input Voltage
12 ~ 24 VDC
Power Consumption
35 W
LCD
Display Type
18.5" TFT LCD (LED backlight)
Max. Resolution
1366 x 768
Viewing Angle
85 (Left), 85 (Right), 80 (Up), 80 (Down)
Luminance (cd/m2)
450
Contrast Ratio
1000
Backlight Lifetime
50,000 hr (min.)
Touchscreen
Touch Type
Multi-touch projected capacitive
Light Transmission
90% ± 2%
Controller
USB Interface
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) with SSD
0 ~ 40 °C (32 ~ 104 °F) with HDD
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (Non-Condensing)
Shock
Operating 10 G Peak Acceleration (11 ms Duration), Follows IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms @with HDD; 2Grms @with SSD, Follows IEC 60068-2-64
EMC
CE, FCC Class B, BSMI, EN 60601-1-2
Safety
CB, UL, CCC
Front Panel Protection
IP66 compliant
All product specifications are subject to change without notice.
Last updated: 1-Aug-2022


Similar Part No. - PPC-3180SW

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3180SW-MART ADVANTECH-PPC-3180SW-MART Datasheet
541Kb / 2P
18.5 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
22-Jan-2021
More results

Similar Description - PPC-3180SW

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3150SW ADVANTECH-PPC-3150SW Datasheet
365Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel짰 Pentium짰 N4200 Quad-Core Processor
22-May-2019
PPC-324W-PN4 ADVANTECH-PPC-324W-PN4 Datasheet
438Kb / 2P
23.8 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
28-Jul-2022
PPC-3150-RJ90 ADVANTECH-PPC-3150-RJ90 Datasheet
264Kb / 2P
15 Fanless Panel PC with Intel® Celer-on Quad Core J1900 Processor
1-Aug-2022
PPC-3150SW-MART ADVANTECH-PPC-3150SW-MART Datasheet
504Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
22-Jan-2021
PPC-3180SW-MART ADVANTECH-PPC-3180SW-MART Datasheet
541Kb / 2P
18.5 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
22-Jan-2021
PPC-3181SW ADVANTECH-PPC-3181SW Datasheet
430Kb / 2P
18.5 Fanless Panel PC with Intel® Core™ i Processor
1-Aug-2022
PPC-3190 ADVANTECH-PPC-3190 Datasheet
393Kb / 2P
19 Fanless Panel PC with Intel® Atom™ Quad-Core Processor
28-Jul-2022
PPC-3211W ADVANTECH-PPC-3211W Datasheet
389Kb / 2P
21.5 Fanless Widescreen Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
logo
AAEON Technology
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com