Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3151SW-P67B Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3151SW-P67B
Description  15.6 Fanless Panel PC with Intel® Core™ i Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3151SW-P67B Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3151SW-P67B Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3151SW-P67B Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-3151SW 15.6"FanlessPanelPCwith
Intel® Core™ i Processor
ƒ
Industrial-grade 15.6" FHD LCD panel with 50k backlight lifetime
ƒ
True-flat touchscreen with multi-touch projected capacitive control
ƒ
High-performance, fanless 6th generation Intel® Core™ i processor
ƒ
Up to 16 GB DDR4 SDRAM
ƒ
Compact, fanless design with aluminum alloy enclosure
ƒ
IP66-rated front panel
ƒ
Supports dual displays (1 x external HDMI)
ƒ
Supports full-size mini PCIe expansion
ƒ
Supports USB 3.0
ƒ
Supports VESA 100
ƒ
Supports TPM 2.0 (optional)
Introduction
The PPC-3151SW is an all-in-one light panel PC with a wide format 15.6" FHD industrial-grade LCD. Powered by 6th generation Intel® Core™ i processor, PPC-3151SW provides
excellent performance, memory, graphics, and peripheral I/O support in a compact, fanless, embedded system. With a high durability design, PPC-3151SW features a true-flat
touchscreen with IP66-rated front panel, and die cast aluminum alloy enclosure, making it ideal for diverse applications.
Specifications
System
CPU
i3-6100U
i5-6300U
i7-6600U
Cores
Dual Core
Dual Core
Dual Core
Frequency
2.3 GHz
2.4 GHz; 3.0 GHz with turbo boost
2.6 GHz; 3.4 GHz with turbo boost
L3 Cache
3 MB
3 MB
4 MB
TDP
15W
15W
15W
Memory
1 x SODIMM DDR4 1866/2133 MHz (max. 16 GB) (1.2 V)
Storage
1 x 2.5" SATA bay
1 x mSATA bay
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I219LM; Intel I211-AT/I210AT A ver. or Realtek 8119i B ver.)
I/O
2 x Serial ports: 1 x RS-232, 1 x RS-232/422/485(Adjustable through BIOS)
2 x USB 3.0, 2 x USB 2.0
1 x HDMI
1 x TPM 2.0 internal (optional)
Speaker
2 x 1W
Expansion
1 x Full-size mini PCIe slot
Watchdog Timer
255 timer levels, set up by software
Physical
Characteristics
Dimensions
419.7 x 269.0 x 62.1 mm (16.5 x 10.6 x 2.4 in)
Weight
4.8 kg ( 10.67 lb)
OS Support
OS Support
Microsoft® Windows 7(32/64-bit)/10(64-bit), WES7P, Windows 10 IOT LTSC, Linux
Power Consumption
Input Voltage
12 ~ 24 VDC
Power Consumption
60W (burn-in test in Win 7 64-bit)
LCD
Display Type
15.6" FHD LCD (LED backlight)
Resolution
1920 x 1080
Viewing Angle
85 (left), 85 (right), 85 (up), 85 (down)
Luminance (cd/m2)
450
Contrast Ratio
800
Backlight Lifetime
50,000 hr (min.)
Touchscreen
Touch Type
10-point multi-touch projected capacitive
Light Transmission
90 % ± 2 %
Controller
USB interface
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) for SSD
0 ~ 45 °C (32 ~ 113 °F) for HDD
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 1Grms @with HDD; 2Grms @with SSD, follow IEC 60068-2-64
EMC
CE, FCC Class B, BSMI, EN 60601-1-2
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP66 compliant
All product specifications are subject to change without notice.
Last updated: 28-Jul-2022


Similar Part No. - PPC-3151SW-P67B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3151SW-MART ADVANTECH-PPC-3151SW-MART Datasheet
570Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Core™ i5-6300U
22-Jan-2021
More results

Similar Description - PPC-3151SW-P67B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-4150W-P4GAE ADVANTECH-PPC-4150W-P4GAE Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PPC-315W-TGL ADVANTECH-PPC-315W-TGL Datasheet
619Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-324W-P7 ADVANTECH-PPC-324W-P7 Datasheet
454Kb / 2P
23.8 Fanless Panel PC with Intel Core™ i Processor
28-Jul-2022
PPC-412 ADVANTECH-PPC-412 Datasheet
443Kb / 2P
12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-3151W ADVANTECH-PPC-3151W Datasheet
410Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel Core™ i5-7300U Processor
28-Jul-2022
PPC-3181SW ADVANTECH-PPC-3181SW Datasheet
430Kb / 2P
18.5 Fanless Panel PC with Intel® Core™ i Processor
1-Aug-2022
PPC-3190 ADVANTECH-PPC-3190 Datasheet
393Kb / 2P
19 Fanless Panel PC with Intel® Atom™ Quad-Core Processor
28-Jul-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
logo
AAEON Technology
OMNI-2155-CML AAEON-OMNI-2155-CML Datasheet
485Kb / 2P
15.6” HMI Panel PC with 10th Generation Intel® Core™ / Celeron® Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com