Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

548129 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 548129
Description  End position controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

548129 Datasheet(HTML) 1 Page - Festo Corporation.

  548129 Datasheet HTML 1Page - Festo Corporation. 548129 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
End position controller
SPC11-MTS-AIF-2
Part number: 548129
Data sheet
Feature
Value
Data backup
Flash memory
Control signals
Remote/teach input/left/right
Input, position 1/2/3/4
Error-Ready output
Output, position 1/2/3/4
Display
3-digit
Red color
Seven-segment display
Control elements
3 pushbuttons
Touch sensitive keyboard
Fuse protection for outputs
Electronic
Max. tripping current 500 mA
Via sum of all outputs
Number of digital outputs
5
Number of digital inputs
8
Outputs type
as per IEC 61131-2
Positive logic (PNP)
No galvanic isolation
Design of inputs
as per IEC 61131-2
Positive logic (PNP)
No galvanic isolation
Debounce time at inputs
20 ms
Max. current consumption with proportional valve
1.1 A
Max. current consumption without proportional valve
70 mA
Nominal operating voltage DC
24 V
Input current consumption
4 mA
Current rating per output
100 mA
Permissible voltage fluctuations
+/- 25 %
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Continuous shock resistance to DIN/IEC 68 Part 2-82
Tested as per severity level 2
LABS (PWIS) conformity
VDMA24364-B2-L
Relative air humidity
0 - 95 %
Non-condensing
Degree of protection
IP65
as per IEC 60529
Vibration resistance to DIN/IEC 68 Part 2-6
Tested as per severity level 1
12/26/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 548129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54812 ETC2-54812 Datasheet
300Kb / 1P
Two-Way Splice Connectors - Standard Barrel 600V to 35KV
More results

Similar Description - 548129

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3629 PHILIPS-TDA3629 Datasheet
299Kb / 28P
Light position controller
1996 Sep 04
logo
List of Unclassifed Man...
TC3097-8 ETC-TC3097-8 Datasheet
641Kb / 36P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER
AP1505 ETC-AP1505 Datasheet
222Kb / 7P
SINGLE END VOLTAGE MODE PWM CONTROLLER
logo
ON Semiconductor
NCP392C ONSEMI-NCP392C Datasheet
170Kb / 10P
Adjustable Front End Overvoltage Protection Controller
September, 2015 ??Rev. 3
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
logo
Festo Corporation.
192216 FESTO-192216 Datasheet
81Kb / 2P
End position controller
12/26/22
192217 FESTO-192217 Datasheet
83Kb / 2P
End position controller
12/26/22
192218 FESTO-192218 Datasheet
82Kb / 2P
End position controller
12/26/22
537321 FESTO-537321 Datasheet
88Kb / 2P
End position controller
12/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com