Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT8210 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AMT8210
Description  1.25 Gb/s 1310/1550nm PIN-TIA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8210 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AMT8210 Datasheet HTML 1Page - ANADIGICS, Inc AMT8210 Datasheet HTML 2Page - ANADIGICS, Inc AMT8210 Datasheet HTML 3Page - ANADIGICS, Inc AMT8210 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMT8210
Rev 1.1
2
ELECTRICAL CHARACTERISTICS
Table 1: Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Supply Voltage
-0.5
+3.8
V
Optical Input Power
-
+ 3
dBm
Storage Temperature
- 40
+ 125
oC
Stresses in excess of the absolute ratings may cause permanent damage. Functional
operation is not implied under these conditions. Exposure to absolute ratings for extended
periods of time may adversely affect reliability.
Table 2: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Wavelength
1250
-
1620
nm
Detector Active Area
-
75
-
um
Sensitivity
(1)
-25.0
-27
-
dB
Overload
0
-
dBm
Responsivity 1550nm
-
0.95
-
A/W
Responsivity 1310nm
-
0.85
-
A/W
Small signal transimpedance gain (50
Ω)
-
9.1
-
K
Ω
Small signal 3dB bandwidth
800
1000
-
MHz
Output resistance
50
Ω
Output voltage swing (differential)
500
mVP-P
TIA supply voltage
2.97
3.3
3.6
V
TIA supply current
-
21
mA
Power consumption
-
70
mW
Operating temperature
-40
+25
+85
oC
(1) 1.25Gb/s PRBS 2
31-1, 1550nm, ER >12dB, BER 10-10
Figure 2: Pin location (4-pin)
OUTQ
OUT
VCC
GND
(Bottom View)
Figure 3: Pin location (5-pin)
VCC
OUTQ
GND
OUT
VPD
(Bottom View)
Table 3: Pin description
NAME
DESCRIPTION
OUT
TIA Output (Non-Inverted)
VCC
Supply Voltage (+3.3V)
OUTQ
TIA Output (Inverted)
GND
Ground



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com