Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3200 Datasheet(PDF) 2 Page - Skeleton Technologies. All rights reserved.

Part # SCA3200
Description  Large supercapacitor cells
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKELETON [Skeleton Technologies. All rights reserved.]
Direct Link  www.skeletontech.com
Logo SKELETON - Skeleton Technologies. All rights reserved.

SCA3200 Datasheet(HTML) 2 Page - Skeleton Technologies. All rights reserved.

  SCA3200 Datasheet HTML 1Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 2Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 3Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 4Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 5Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 6Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 7Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 8Page - Skeleton Technologies. All rights reserved. SCA3200 Datasheet HTML 9Page - Skeleton Technologies. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
+ Name of manufacturer, part number, serial number, rated voltage
+ Rated capacitance, negative and positive terminals, warning marking
+ Total energy in watt-hours
+ Electrolyte material used
(9) The stated maximum peak current should not be exceeded during
use. If the limit is to be exceeded by the customer, Skeleton must be
consulted beforehand and give approval for the exceeded power load.
Typical value represents the mean production sample value.
Rated value represents the absolute minimum capacitance or maximum
ESR value of production sample.
*Power values calculated using DC 10ms ESR ≈ AC 100Hz.
Standard markings
+ Testing instructions available on www.skeletontech.com
+ All information provided on this data sheet and all subsequent
ultracapacitors sales and testing are subject to Standard Terms of
Service (ToS) available on www.skeletontech.com, document
General
Terms of Sale for Skeleton Technologies GmbH.
Notes
Energy 2
Specific energy 3
Energy density 4
Energy
Wh
Wh/kg
Wh/L
3.6
6.8
9.3
Value
Unit
Short circuit current
(For informational purposes -
do not use as operating current.)
Safety
kA
20.4
Thermal resistance given ΔT = 30°C, R
th
Thermal capacitance, C
th, typical
Max continuous current 10, ΔT = 15°C 8
Max continuous current 10, ΔT = 40°C 8
Package quantity
Package weight
Package height
Package width
Package depth
Thermal (based on DC 1s ESR)
Package details
Value
Value
Unit
Unit
°C/W
J/°C
A
A
pcs
kg
mm
mm
mm
3.0
633.7
167
273
25
14.1
170
395
395
Copyright © 2022 Skeleton Technologies GmbH. All rights reserved.
02-DS-220909-SKELCAP-CELLS-1D
Page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com