Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD1M Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # PD1M
Description  1mm InGaAs Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD1M Datasheet(HTML) 2 Page - ANADIGICS, Inc

  PD1M Datasheet HTML 1Page - ANADIGICS, Inc PD1M Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PD1M
Rev 1.0
2
ELECTRICAL CHARACTERISTICS (cont)
Table 2: Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Forward Current
-
100
mA
Reverse Current
-
20
mA
Reverse Voltage
-
2
V
Operating Case Temperature
-40
+85
ºC
Storage Temperature
-40
+85
ºC
Soldering temperature (10 seconds)
-
+250
ºC
Stresses in excess of the absolute ratings may cause permanent damage. Functional
operation is not implied under these conditions. Exposure to absolute ratings for extended
periods of time may adversely affect reliability.
ORDERING INFORMATION
Part Number
Options
PD1M-0xx
Custom defined size and electrical layout
PD1M-1xx
Package: TO46
Number of pins: 2 or 3
Cap: Window, AR / Non-AR coated.
Cap plating: Gold or nickel
Please contact Anadigics for the specific part number and pinout that suits your needs
ANADIGICS, Inc.
829 Flynn Road
Camarillo, California 93012, U.S.A.
Tel: +1 (805) 445-4500
Fax: +1 (805) 445-4502
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any
time without notice. The product specifications contained in Advanced Product Information sheets and
Preliminary Data sheets are subject to change prior to a product’s formal introduction. Information in
Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS
assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the
information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of
an ANADIGICS product in any such application without written consent is prohibited.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com