Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD5M Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # PD5M
Description  5mm InGaAs Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD5M Datasheet(HTML) 1 Page - ANADIGICS, Inc

  PD5M Datasheet HTML 1Page - ANADIGICS, Inc PD5M Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD5M
5mm InGaAs Photodiode
FEATURES
•
Planar Structure
•
Dielectric Passivation
•
High Shunt Resistance
•
High Responsivity
APPLICATIONS
•
Sensing
•
High Sensitivity Instrumentation
PD5M-0xx
Ceramic Sub-Mount
PD5M-1xx
TO8 can Package
PRODUCT DESCRIPTION
The PD5M is an InGaAs photodiode with a
photosensitive region 5mm in diameter.
Applications include sensing and other high
sensitivity instrumentation. Class A devices
feature very low dark current and high shunt
resistance.
High reliability is assured through planar
semiconductor design and dielectric passivation.
The device can be assembled on a ceramic sub-
mount or in an hermetic TO8 can. Custom
packages are an option.
ELECTRICAL CHARACTERISTICS
Table 1: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Dark Current (ID)
(1)
-
100
-
nA
Responsivity at 1310nm
0.80
0.90
-
A/W
Responsivity at 1550nm
0.85
0.95
-
A/W
Rise/Fall time
-
1.2
-
μs
Shunt Resistance (Class A)
(2)
100
-
-
KΩ
Noise Equivalent Power (Class A)
-
2x10
-13
-
WHz
-1/2
D* (Class A)
-
2x10
12
-
cmHz
1/2W-1
(1) 0.3V reverse bias
(2) 0V reverse bias


Similar Part No. - PD5M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD5MD RENESAS-PD5MD Datasheet
5Mb / 932P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
More results

Similar Description - PD5M

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
IPD14-12-5T-2 ROITHNER-IPD14-12-5T-2 Datasheet
445Kb / 2P
ingaas photodiode
logo
List of Unclassifed Man...
SD012-121-011 ETC2-SD012-121-011 Datasheet
121Kb / 2P
InGaAs Photodiode
SD039-121-011 ETC2-SD039-121-011 Datasheet
170Kb / 2P
InGaAs Photodiode
SD197-121-041 ETC2-SD197-121-041 Datasheet
164Kb / 2P
InGaAs Photodiode
logo
Luna Innovations Incorp...
SD012-121-011 LUNA-SD012-121-011 Datasheet
121Kb / 2P
InGaAs Photodiode
SD039-121-011 LUNA-SD039-121-011 Datasheet
170Kb / 2P
InGaAs Photodiode
SD197-121-041 LUNA-SD197-121-041 Datasheet
164Kb / 2P
InGaAs Photodiode
logo
Advanced Photonix, Inc.
SD197-121-041 ADVANCEDPHOTONIX-SD197-121-041 Datasheet
382Kb / 2P
InGaAs Photodiode
SD012-121-011 ADVANCEDPHOTONIX-SD012-121-011 Datasheet
126Kb / 2P
InGaAs Photodiode
SD039-121-011 ADVANCEDPHOTONIX-SD039-121-011 Datasheet
237Kb / 2P
InGaAs Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com