Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD030 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # PD030
Description  30關m InGaAs Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD030 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  PD030 Datasheet HTML 1Page - ANADIGICS, Inc PD030 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD030
30
μm InGaAs Photodiode
FEATURES
Planar Structure
Very High Speed
Low Dark Current
Dielectric Passivation
100% Purge Burn-in
APPLICATIONS
10Gb/s Optical Receivers
Test and Measurement
PD030-003-0xx
Ceramic Sub-Mount
PD030-003-1xx
TO can Package
PRODUCT DESCRIPTION
The PD030 is an InGaAs photodiode with a
photosensitive region 30
μm in diameter. It is
intended for use in very high speed, low noise
communication systems (up to 10Gb/s data
rates) and for use in optical test and
measurement equipment.
Planar semiconductor design and dielectric
passivation provide low noise performance.
Reliability is assured by hermetic sealing and
100% purge burn-in (200°C, 15 hours, Vr = 20V).
The device can be assembled on a ceramic sub-
mount or in a TO can. It can be pigtailed with SC,
FC, or ST connectors (UPC or APC). It can also
be mounted in an SC, ST of FC receptacle.
Custom packages are an option.
ELECTRICAL CHARACTERISTICS
Table 1: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Dark Current (ID)
-
0.1
1.0
nA
Capacitance (Ceramic sub-mount)
(1)
-
0.27
0.32
pF
Capacitance (TO can)
(1)
-
0.4
0.5
pF
Responsivity at 1310nm (Ceramic sub-mount)
0.80
0.90
-
A/W
Responsivity at 1550nm (Ceramic sub-mount)
0.85
0.95
-
A/W
Responsivity at 1310nm (TO can)
0.80
0.85
-
A/W
Responsivity at 1550nm (TO can)
0.85
0.90
-
A/W
3dB bandwidth (50Ω) (Ceramic sub-mount)
(1)
9000
11000
-
MHz
3dB bandwidth (50Ω) (TO can)
(1)
5800
7200
-
MHz
Operating voltage
-
5
20
V
(1) 5V bias voltage


Similar Part No. - PD030

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PD03001 POLYMAKER-PD03001 Datasheet
325Kb / 4P
Innovators in 3D prointing
V5.0
PD03002 POLYMAKER-PD03002 Datasheet
325Kb / 4P
Innovators in 3D prointing
V5.0
PD03004 POLYMAKER-PD03004 Datasheet
325Kb / 4P
Innovators in 3D prointing
V5.0
PD03005 POLYMAKER-PD03005 Datasheet
325Kb / 4P
Innovators in 3D prointing
V5.0
More results

Similar Description - PD030

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PD070 ANADIGICS-PD070 Datasheet
179Kb / 2P
70關m InGaAs Photodiode
Rev 1.0
PD075 ANADIGICS-PD075 Datasheet
180Kb / 2P
75關m InGaAs Photodiode
Rev 1.0
PD100 ANADIGICS-PD100 Datasheet
179Kb / 2P
100關m InGaAs Photodiode
Rev 1.0
PD300 ANADIGICS-PD300 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
500關m InGaAs Photodiode
Rev 1.0
logo
Roithner LaserTechnik G...
IPD14-12-5T-2 ROITHNER-IPD14-12-5T-2 Datasheet
445Kb / 2P
ingaas photodiode
logo
List of Unclassifed Man...
SD039-121-011 ETC2-SD039-121-011 Datasheet
170Kb / 2P
InGaAs Photodiode
logo
Luna Innovations Incorp...
SD197-121-041 LUNA-SD197-121-041 Datasheet
164Kb / 2P
InGaAs Photodiode
logo
Advanced Photonix, Inc.
SD197-121-041 ADVANCEDPHOTONIX-SD197-121-041 Datasheet
382Kb / 2P
InGaAs Photodiode
SD012-121-011 ADVANCEDPHOTONIX-SD012-121-011 Datasheet
126Kb / 2P
InGaAs Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com