Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD100 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # PD100
Description  100關m InGaAs Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD100 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  PD100 Datasheet HTML 1Page - ANADIGICS, Inc PD100 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD100
100
μm InGaAs Photodiode
PD100-003-0xx
Ceramic Sub-Mount
PD100-003-1xx
TO can Package
FEATURES
•
Planar Structure
•
High Responsivity
•
Low Dark Current
•
Dielectric Passivation
•
100% Purge Burn-in
APPLICATIONS
•
Optical Communication Systems
•
Test and Measurement
•
Sensing
PD100-003-3xx
SC/APC Pigtail
PD100-003-5xx
FC Receptacle
PRODUCT DESCRIPTION
The PD100 is an InGaAs photodiode with a
photosensitive region 100
μm in diameter. It is
intended for use in high speed, low noise
communication systems (up to 1.5Gb/s data
rates) as well as applications in test and
measurement and other optical power sensing
devices. The large active area allows the use of
multimode fiber.
Reliability is assured by hermetic sealing and
100% purge burn-in (200°C, 15 hours, Vr = 20V).
The device can be assembled on a ceramic sub-
mount or in a TO can. It can be pigtailed with SC,
FC or ST connectors (UPC or APC). It can also be
mounted in an SC, ST of FC receptacle. Custom
packages are an option.
ELECTRICAL CHARACTERISTICS
Table 1: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Dark Current (ID)
-
0.2
2.0
nA
Capacitance (Ceramic sub-mount)
(1)
-
1.0
1.1
pF
Capacitance (Receptacle, Pigtail, TO can)
(1)
-
1.2
1.3
pF
Responsivity at 1310nm (Ceramic sub-mount)
0.80
0.90
-
A/W
Responsivity at 1550nm (Ceramic sub-mount)
0.85
0.95
-
A/W
Responsivity at 1310nm (Receptacle, Pigtail, TO can)
0.80
0.85
-
A/W
Responsivity at 1550nm (Receptacle, Pigtail, TO can)
0.85
0.90
-
A/W
3dB bandwidth (50Ω) (Ceramic sub-mount)
(1)
2400
2700
-
MHz
3dB bandwidth (50Ω) (Receptacle, Pigtail, TO can)
(1)
2000
2200
-
MHz
Optical Return Loss (Pigtail using SMF-28)
50
55
-
dB
Optical Return Loss (Receptacle, APC connector)
40
45
-
dB
Operating voltage
-
5
20
V
(1) 5V bias voltage


Similar Part No. - PD100

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PD100 EDI-PD100 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Vishay Siliconix
PD100 VISHAY-PD100 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Nihon Inter Electronics...
PD10012 NIEC-PD10012 Datasheet
219Kb / 3P
DIODE MODULE 100A/1200 to 1600V
PD10012 NIEC-PD10012 Datasheet
157Kb / 2P
100A Avg 12001600 Volts
PD10016 NIEC-PD10016 Datasheet
219Kb / 3P
DIODE MODULE 100A/1200 to 1600V
More results

Similar Description - PD100

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PD030 ANADIGICS-PD030 Datasheet
134Kb / 2P
30關m InGaAs Photodiode
Rev 1.0
PD070 ANADIGICS-PD070 Datasheet
179Kb / 2P
70關m InGaAs Photodiode
Rev 1.0
PD075 ANADIGICS-PD075 Datasheet
180Kb / 2P
75關m InGaAs Photodiode
Rev 1.0
PD300 ANADIGICS-PD300 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
500關m InGaAs Photodiode
Rev 1.0
logo
Roithner LaserTechnik G...
IPD14-12-5T-2 ROITHNER-IPD14-12-5T-2 Datasheet
445Kb / 2P
ingaas photodiode
logo
List of Unclassifed Man...
SD039-121-011 ETC2-SD039-121-011 Datasheet
170Kb / 2P
InGaAs Photodiode
logo
Luna Innovations Incorp...
SD197-121-041 LUNA-SD197-121-041 Datasheet
164Kb / 2P
InGaAs Photodiode
logo
Advanced Photonix, Inc.
SD197-121-041 ADVANCEDPHOTONIX-SD197-121-041 Datasheet
382Kb / 2P
InGaAs Photodiode
SD012-121-011 ADVANCEDPHOTONIX-SD012-121-011 Datasheet
126Kb / 2P
InGaAs Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com