Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD300 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # PD300
Description  300關m InGaAs Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD300 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  PD300 Datasheet HTML 1Page - ANADIGICS, Inc PD300 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PD300
Rev 1.0
2
Table 2: Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Forward Current
-
25
mA
Reverse Current
-
5000
μA
Reverse Voltage
-
20
V
Optical input power
-
5
mW
Operating Case Temperature
-40
+85
ºC
Storage Temperature
-40
+85
ºC
Soldering temperature (10 seconds)
-
+250
ºC
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied
under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
PACKAGE DIMENSIONS – PD300-003-100 and PD300-003-105
Dimensions: INCHES [mm]
ORDERING INFORMATION
Table 3: Standard
Part Number
Options
PD300-003-100
TO46, 3pin, non AR coated, gold plated lens cap
PD300-003-105
TO46, 3pin, non AR coated, gold plated flat window cap
Table 4: Custom
Part Number
Options
PD300-003-0xx
Custom defined size and electrical layout.
PD300-003-1xx
Package: TO46, TO56, 2 or 3 pin.
Cap: Window or lens. AR or Non-AR coated. Gold or nickel plated.
PD300-003-3xx
Pigtailed: TO46, 2 or 3 pin. Fiber length, 0.5 meter, 1.0 meter
Fiber type: Multimode, single mode (SMF-28) or custom supplied
Connector Type: SC, ST or FC. APC or UPC
PD300-003-5xx
Receptacle, 2 or 3 pin. SC, ST or FC aligned
Please contact Anadigics for the specific part number and pinout that suits your needs
ANADIGICS, Inc.
829 Flynn Road
Camarillo, California 93012, U.S.A.
Tel: +1 (805) 445-4500
Fax: +1 (805) 445-4502
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any
time without notice. The product specifications contained in Advanced Product Information sheets and
Preliminary Data sheets are subject to change prior to a product’s formal introduction. Information in
Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS
assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the
information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of
an ANADIGICS product in any such application without written consent is prohibited.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com