Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFS1003 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # RFS1003
Description  5.1-5.9 GHz U-NII Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFS1003 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  RFS1003 Datasheet HTML 1Page - ANADIGICS, Inc RFS1003 Datasheet HTML 2Page - ANADIGICS, Inc RFS1003 Datasheet HTML 3Page - ANADIGICS, Inc RFS1003 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
05/2003
2
RFS1003
5.1-5.9 GHz U-NII Power Amplifier
Specification
Parameter
1
Min.
Typ.
Max.
Unit
Condition
Overall
Frequency Range
5150
5850
MHz
Output P1dB
29
dBm
VDD = 7V
24
dBm
VDD = 3V
Efficiency at P1dB
28
%
Small Signal Gain
20
dB
PIN = -20 dBm; VDD = 7V
21
dB
PIN = -20 dBm; VDD = 3V
Gain Flatness
±0.5
dB
Across 100 MHz Band
Harmonics
2
nd Harmonic
-35
dBc
3
rd Harmonic
-35
dBc
Spurious (Stability)
2
-60
dBc/30 kHz
PIN = -30 to +10 dBm
Reverse Isolation
50
dB
Noise Figure
8.7
dB
Input Return Loss
10
15
dB
Output Return Loss
11
dB
Power Supply
Drain Operating Voltage
3
7
V
Gate Operating Voltage
-1.1
V
Current Consumption
400
mA
VDD = 7V
350
mA
VDD = 3V
Gate Leakage Current
25
µA
Note 1: Test Conditions: VDD = 7.0V, PIN = +10dBm, Freq. = 5850MHz, VGG = -1.1 V, T =25C.
Note 2: Load VSWR is set to 7:1 and the angle is varied 360 degrees.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Power Supply
8.0
V
DC Gate Voltage
-5.0 min, -0.5 max
V
DC Supply Current
1000
mA
Maximum RF input level
+13
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Ordering Information
Part Number
PRFS-1003-0EVL
-40 to +85
Evaluation Board
1
PRFS-1003-0005
-40 to +85
13" Reverse Tape/Reel
2500 pcs.
PRFS-1003-0006
-40 to +85
13" Tape/Reel
2500 pcs.
PRFS-1003-0007
-40 to +85
7" Reverse Tape/Reel
1000 pcs.
PRFS-1003-0008
-40 to +85
7" Tape/Reel
1000 pcs.
PRFS-1003-0009
-40 to +85
Bulk – 4x4 mm 24-pin LPCC
1-999 pcs.
Quantity
Package Description
Temp. Range ( °C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com