Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSP7022 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # RFSP7022
Description  Power Amplifier Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP7022 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  RFSP7022 Datasheet HTML 1Page - ANADIGICS, Inc RFSP7022 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
05/2003
Power Amplifier Kit
RFS P7022
Power Amplifier Kit Description
RFS P2010
Product Description
RFS P5022
Product Description
Applications
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
802.11b/g WLAN
2.4 GHz ISMB and Wi reless Equipment
Product Fe
atures
26 dBm P1dB@3.3V
22 dB Gai n
2.5 % EVM; 110 mA @ POUT = +19 dBm
with 54 M bps OFDM Signal
Single +3.3V Supply Voltage
PA Power On/Off Logic
Input and Output Matched to 50 Ohms
Applications
802.11a WLAN
HiperLAN/2 WLAN
U-NII Fixed Wireless Equipment
Product Fe
atures
25 dBm P1dB@3.3V
23 dB Gain
2.5% EVM; 180 mA @ POUT = +19 dBm
with 54 Mbps OFDM Signal
Single +3.3V Supply Voltage
Input Matched to 50 Ohms
PA Power On/Off Logic
The RFS P7022 is a Power Amplifier Kit containing the RFS P2010 and the RFS P5022, high-
performance PAs designed for use in transmit applications in the 2.4 – 2.5 GHz frequency band and in
the 4.9 – 5.9 frequency band (respectively).
Below is a brief description of both PAs. Please refer to their individual data sheets for more
information.
The RFSP2010 power amplifier is a high-
performance GaAs HBT IC designed for use in
transmit
applications
in
the
2.4
–
2.5
GHz
frequency band. With a P1dB of 26 dBm, the
device is ideal as a final stage for wireless LAN
applications
requiring
high
transmit
linearity.
Designed with propriety linearizing techniques, the
part is operable closer to P-1dB, which enables the
device to achieve a specific error vector magnitude
(EVM) with less backoff.
The PA exhibits
unparalleled linearity and efficiency for both
802.11b- and 802.11g-based WLAN systems. The
part operates off a single +3.3V supply.
The RFSP5022 power amplifier is a high-
performance GaAs HBT IC designed for use in
transmit
applications
in
the
4.9
–
5.9
GHz
frequency band. With a P1dB of 25 dBm, the
device is ideal as a final stage for wireless LAN
applications requiring high transmit linearity. The
part demonstrates very low error vector magnitude
(EVM) at the full 54 Mbps data rate for 802.11a. The
input of the PA is matched to 50 ohms and the
output can be easily matched for optimum
linearity and power performance at the desired
frequency of operation between 4.9 and 5.9 GHz.The
part operates off a single +3.3V supply.


Similar Part No. - RFSP7022

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
RFSP2023RS28P0 ANADIGICS-RFSP2023RS28P0 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
RFSP2023RS28P6 ANADIGICS-RFSP2023RS28P6 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
More results

Similar Description - RFSP7022

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423L-EK1 SIGE-PA2423L-EK1 Datasheet
132Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423U-EK1 SIGE-PA2423U-EK1 Datasheet
143Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
logo
Extech Instruments Corp...
40180 EXTECH-40180 Datasheet
200Kb / 1P
Tone Generator and Amplifier Probe Kit
40180 EXTECH-40180_15 Datasheet
200Kb / 1P
Tone Generator and Amplifier Probe Kit
logo
NXP Semiconductors
OM7828 NXP-OM7828 Datasheet
96Kb / 1P
BGA6130 medium power amplifier evaluation kit
5/18/2012
logo
Ultralife Corporation.
A-320MKT ULTRALIFE-A-320MKT Datasheet
871Kb / 2P
30-512 MHz Amplifier Kit
4/30/14
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
350-450 MHz Amplifier Kit
5/30/14
A-320V3-KT ULTRALIFE-A-320V3-KT Datasheet
712Kb / 2P
30-512 MHz Amplifier Kit
5/28/14
A-320V3-MKT ULTRALIFE-A-320V3-MKT Datasheet
2Mb / 2P
30-512 MHz Amplifier Kit
4/30/14
A-320V3A-KT ULTRALIFE-A-320V3A-KT Datasheet
2Mb / 2P
30-512 MHz Amplifier Kit
5/28/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com