Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2020 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APA2020
Description  Stereo 2-W Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2020 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APA2020 Datasheet HTML 17Page - Anpec Electronics Coropration APA2020 Datasheet HTML 18Page - Anpec Electronics Coropration APA2020 Datasheet HTML 19Page - Anpec Electronics Coropration APA2020 Datasheet HTML 20Page - Anpec Electronics Coropration APA2020 Datasheet HTML 21Page - Anpec Electronics Coropration APA2020 Datasheet HTML 22Page - Anpec Electronics Coropration APA2020 Datasheet HTML 23Page - Anpec Electronics Coropration APA2020 Datasheet HTML 24Page - Anpec Electronics Coropration APA2020 Datasheet HTML 25Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Nov., 2002
APA2020
www.anpec.com.tw
21
SO – 300mil ( Reference JEDEC Registration MS-013)
Millimeters
Variations- D
Inches
Variations- D
Dim
Min.
Max.
Variations
Min.
Max.
Dim
Min.
Max.
Variations
Min.
Max.
A2.35
2.65
SO-16
10.10
10.50
A
0.093
0.1043
SO-16
0.398
0.413
A1
0.10
0.30
SO-18
11.35
11.76
A1
0.004
0.0120
SO-18
0.447
0.463
B
0.33
0.51
SO-20
12.60
13
B
0.013
0.020
SO-20
0.496
0.512
D
See variations
SO-24
15.20
15.60
D
See variations
SO-24
0.599
0.614
E
7.40
7.60
SO-28
17.70
18.11
E
0.2914
0.2992
SO-28
0.697
0.713
e
1.27BSC
SO-14
8.80
9.20
e
0.050BSC
SO-14
0.347
0.362
H
10
10.65
H
0.394
0.419
L
0.40
1.27
L
0.016
0.050
N
See variations
N
See variations
φ 10°
8
°φ 10°
8
°
N
12 3
E
H
D
L
GAUGE
PLANE
1
e
B
A1
A
Packaging Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com