Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5308 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5308
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5308 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5308 Datasheet HTML 5Page - Anpec Electronics Coropration APL5308 Datasheet HTML 6Page - Anpec Electronics Coropration APL5308 Datasheet HTML 7Page - Anpec Electronics Coropration APL5308 Datasheet HTML 8Page - Anpec Electronics Coropration APL5308 Datasheet HTML 9Page - Anpec Electronics Coropration APL5308 Datasheet HTML 10Page - Anpec Electronics Coropration APL5308 Datasheet HTML 11Page - Anpec Electronics Coropration APL5308 Datasheet HTML 12Page - Anpec Electronics Coropration APL5308 Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2004
APL5308/9
www.anpec.com.tw
13
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOT- 23
8
5.3
3000
SOT- 23-5
8
5.3
3000
SOT- 89
12
9.3
1000
Cover Tape Dimensions
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Customer Service
A pp licatio n
A
B
C
J
T1
T2
W
P
E
17 8
±160 ± 1.0
1 2 .0
2 .5
± 0.15
9.0
± 0.5
1 .4
8.0+ 0 .3
- 0 .3
4.0
1 .7 5
F
D
D1
Po
P1
Ao
Bo
Ko
t
SO T -2 3
3.5
± 0.05
1.5 + 0 .1
φ 0.1M IN
4.0
2 .0
± 0.05
3.1
3 .0
1.3
0 .2
±0.03
A pp licatio n
A
B
C
J
T1
T2
W
P
E
17 8
±172 ± 1.0
1 3 .0 + 0.2
2 .5
± 0.15
8.4
± 2
1 .5
± 0.3
8 .0
± 0.3
4
± 0.1
1 .7 5
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SO T -2 3 -5
3.5
± 0.05
1.5
± 0.1
1 .5
± 0.1
4 .0
± 0.1
2 .0
± 0.1
3 .15
± 0.1
3 .2
± 0.1
1 .4
± 0.1
0 .2
±0.033
A pp licatio n
A
B
C
J
T1
T2
W
P
E
17 8
±170 ± 213.5 ± 0.15 3 ± 0.15
14
± 2
1 .3
± 0.3
12 + 0 .3
12 - 0.1
8
± 0.1
1 .7 5
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SO T -8 9
5.5
± 0.05
1.5
± 0.1
1 .5
± 0.1
4 .0
± 0.1
2 .0
± 0.1
4 .8
± 0.1
4 .5
± 0.1
1 .8 0
± 0.1 0.3±0.013
Carrier Tape
(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com