Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL6535 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL6535
Description  Two-Channel Supervisory IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6535 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL6535 Datasheet HTML 1Page - Anpec Electronics Coropration APL6535 Datasheet HTML 2Page - Anpec Electronics Coropration APL6535 Datasheet HTML 3Page - Anpec Electronics Coropration APL6535 Datasheet HTML 4Page - Anpec Electronics Coropration APL6535 Datasheet HTML 5Page - Anpec Electronics Coropration APL6535 Datasheet HTML 6Page - Anpec Electronics Coropration APL6535 Datasheet HTML 7Page - Anpec Electronics Coropration APL6535 Datasheet HTML 8Page - Anpec Electronics Coropration APL6535 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright
© ANPEC Electronics Corp. Rev.
Rev. A.1 - May., 2005
www.anpec.com.tw
2
APL6535
APL6535
Package Code
B : SOT-23-5
Temp. Range
I : -40 to 85 C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
Blank : Original Device
°
Handling Code
Temp. Range
Package Code
A PL6535 :
535X
X - Date Code
Lead Free Code
Pin Function Description
Ordering and Marking Information
PIN
No.
Name
I/O
Description
1
VCC
Supply Voltage
3
PGOOD
O
PGOOD is the AND function of all the VMON inputs being satisfied.
This is an open drain output and can be pulled high to the
appropriate level with an external resistor. Additionally a 20kO pull up
to VCC is provided internally.
2
GND
Ground Connection
4, 5
VMON1
VMON2
I
These inputs provide for a programmable monitored voltage
threshold referenced to an internal 0.633V reference. These inputs
have a 30
µs glitch filter to prevent transient upsets from being
recognized by PGOOD.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com