Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2301CA Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM2301CA
Description  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2301CA Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM2301CA Datasheet HTML 1Page - Anpec Electronics Coropration APM2301CA Datasheet HTML 2Page - Anpec Electronics Coropration APM2301CA Datasheet HTML 3Page - Anpec Electronics Coropration APM2301CA Datasheet HTML 4Page - Anpec Electronics Coropration APM2301CA Datasheet HTML 5Page - Anpec Electronics Coropration APM2301CA Datasheet HTML 6Page - Anpec Electronics Coropration APM2301CA Datasheet HTML 7Page - Anpec Electronics Coropration APM2301CA Datasheet HTML 8Page - Anpec Electronics Coropration APM2301CA Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
APM2301CA
www.anpec.com.tw
2
Absolute Maximum Ratings
(T
A = 25°C Unless Otherwise Noted)
Electrical Characteristics (T
A = 25°C Unless Otherwise Noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-20
VGSS
Gate-Source Voltage
±12
V
ID
*
Continuous Drain Current
-2.8
b
IDM
*
300
µs Pulsed Drain Current
VGS=-4.5V
-12
A
IS
*
Diode Continuous Forward Current
-1.3
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA =25°C
0.83
PD
*
Maximum Power Dissipation
TA =100°C
0.3
W
RθJA
*
Thermal Resistance-Junction to Ambient
150
°C/W
Notes: *Surface Mounted on 1in
2 pad area, t
≤ 10sec.
APM2301CA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=250
µA
-20
V
VDS=-16V, VGS=0V
-1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-30
µA
VGS(th)
Gate Threshold Voltage
VDS= VGS, IDS=-250
µA
-0.5
-0.75
-1
V
IGSS
Gate Leakage Current
VGS=±12V, VDS=0V
±10
µA
VGS=-4.5V, IDS=-2.8A
56
70
VGS=-2.5V, IDS=-2A
85
115
RDS(ON)
a Drain-Source On-State Resistance
VGS=-1.8V, IDS=-1A
106
165
m
Ω
VSD
a
Diode Forward Voltage
ISD=-1.3A, VGS=0V
-0.75
-1.3
V
Gate Charge Characteristics
b
Qg
Total Gate Charge
7
10
Qgs
Gate-Source Charge
1.9
Qgd
Gate-Drain Charge
VDS=-10V, VGS=-4.5V,
IDS=-2.8A
1.9
nC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com