Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2800B Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM2800B
Description  N-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2800B Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM2800B Datasheet HTML 1Page - Anpec Electronics Coropration APM2800B Datasheet HTML 2Page - Anpec Electronics Coropration APM2800B Datasheet HTML 3Page - Anpec Electronics Coropration APM2800B Datasheet HTML 4Page - Anpec Electronics Coropration APM2800B Datasheet HTML 5Page - Anpec Electronics Coropration APM2800B Datasheet HTML 6Page - Anpec Electronics Coropration APM2800B Datasheet HTML 7Page - Anpec Electronics Coropration APM2800B Datasheet HTML 8Page - Anpec Electronics Coropration APM2800B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
N-Channel Enhancement Mode MOSFET with Schottky Diode
Copyright
© ANPEC Electronics Corp.
Rev. B.3 - Jun., 2005
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM2800B
Features
Applications
• Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems
Pin Description
Ordering and Marking Information
APM2800
Handling Code
Temp. Range
Package Code
Package Code
B : SOT-25
Operating Junction Temp. Range
C : -55 to 150 C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device Blank : Original Device
APM2800B :
M80X
XXXXX - Date Code
Lead Free Code
Top View of SOT-25
MOSFET
• 20V/3A ,
R
DS(ON)=50mΩ(typ.) @ VGS=4.5V
R
DS(ON)=90mΩ(typ.) @ VGS=2.5V
• Super High Dense Cell Design
• Reliable and Rugged
• Lead Free Available (RoHS Compliant)
SBD
• Low Forward Voltage
N-Channel MOSFET
SBD
G
S
D
(2)
(5)
(1)
A
C
(4)
(3)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.
°


Similar Part No. - APM2800B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2801B ANPEC-APM2801B Datasheet
607Kb / 11P
P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TR ANPEC-APM2801BC-TR Datasheet
607Kb / 11P
P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TRL ANPEC-APM2801BC-TRL Datasheet
607Kb / 11P
P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TU ANPEC-APM2801BC-TU Datasheet
607Kb / 11P
P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TUL ANPEC-APM2801BC-TUL Datasheet
607Kb / 11P
P-Channel Enhancement Mode MOSFET with Schottky Diode
More results

Similar Description - APM2800B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG4712SSS DIODES-DMG4712SSS Datasheet
159Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32040 Rev. 5 - 2
DMS3014SSS DIODES-DMS3014SSS Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32265 Rev. 3 - 2
DMS3015SSS DIODES-DMS3015SSS Datasheet
157Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32096 Rev. 4 - 2
DMS3016SSS DIODES-DMS3016SSS Datasheet
167Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32266 Rev. 3 - 2
DMG4812SSS DIODES-DMG4812SSS Datasheet
160Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS35071 Rev. 2 - 2
DMG4710SSS DIODES-DMG4710SSS Datasheet
175Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32055 Rev. 6 - 2
DMG7702SFG DIODES-DMG7702SFG Datasheet
185Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Rev 6
DMS3016SFG DIODES-DMS3016SFG_15 Datasheet
218Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
Rev 7
DMS3016SSSA DIODES-DMS3016SSSA_15 Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Rev 1
logo
Sinopower Semiconductor...
SM1691OSCS SINOPWER-SM1691OSCS Datasheet
260Kb / 12P
Single N-Channel Enhancement Mode MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com