Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM3005NU Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM3005NU
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM3005NU Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM3005NU Datasheet HTML 1Page - Anpec Electronics Coropration APM3005NU Datasheet HTML 2Page - Anpec Electronics Coropration APM3005NU Datasheet HTML 3Page - Anpec Electronics Coropration APM3005NU Datasheet HTML 4Page - Anpec Electronics Coropration APM3005NU Datasheet HTML 5Page - Anpec Electronics Coropration APM3005NU Datasheet HTML 6Page - Anpec Electronics Coropration APM3005NU Datasheet HTML 7Page - Anpec Electronics Coropration APM3005NU Datasheet HTML 8Page - Anpec Electronics Coropration APM3005NU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.3 - Oct., 2005
www.anpec.com.tw
2
APM3005NU
Absolute Maximum Ratings
Note:
* Current limited by bond wire.
Symbol
Parameter
Rating
Unit
Common Ratings (TA = 25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
30
VGSS
Gate-Source Voltage
±20
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
IS
Diode Continuous Forward Current
16
A
Mounted on Large Heat Sink
TC=25°C
100
IDP
300
µs Pulse Drain Current Tested
TC=100°C
75
A
TC=25°C
50
*
ID
Continuous Drain Current
TC=100°C
30
A
TC=25°C
50
PD
Maximum Power Dissipation
TC=100°C
20
W
RθJC
Thermal Resistance-Junction to Case
2.5
°C/W
Mounted on PCB of 1in
2 Pad Area
TA=25°C
100
IDP
300
µs Pulse Drain Current Tested
TA=100°C
75
A
TA=25°C
17
ID
Continuous Drain Current
TA=100°C
10
A
TA=25°C
2.5
PD
Maximum Power Dissipation
TA=100°C
1
W
RθJA
Thermal Resistance-Junction to Ambient
50
°C/W
Mounted on PCB of Minimum Footprint
TA=25°C
100
IDP
300
µs Pulse Drain Current Tested
TA=100°C
75
A
TA=25°C
14
ID
Continuous Drain Current
TA=100°C
9
A
TA=25°C
1.6
PD
Maximum Power Dissipation
TA=100°C
0.6
W
RθJA
Thermal Resistance-Junction to Ambient
75
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com