Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1086 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP1086
Description  10/100Base-T Single Port Transformer Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP1086 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP1086 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP1086 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
55
10/100Base-T Single Port Transformer
Modules
Link-PP
Link-PP Int
Int’’ll Technology
Technology
1:1 transmits turns rations compatible with various IC manufacturers.
Meets all IEEE standards including 350
H OCL with 8 mA bias
For RoHS compliant parts add suffix NL
RoHS NL peak solder rating 235
Electrical Specifications @25
--- Operating Temperature 0
to 70
Part
Number
Insertion
Loss
dB MAX
Return Loss
dB MIN @ 100Ω
Differential to Common
Mode Rejection
(dB MIN)
Crosstalk
(dB TYP)
Hipot
(Vrms MIN)
0.1-100MHz
1-30 MHz
40MHz
50 MHz
60-80
30MHz
60 MHz
100 MHz
30MHz
60 MHz
100 MHz
LP1012
-1.0
-20
-20
-18
-14
-42
-36
-33
-50
-40
-40
1500
LP1012P
-1.0
-20
-20
-18
-14
-42
-36
-33
-50
-40
-40
1500
LP1019
-1.0
-20
-18
-18
-14
-45
-40
-35
-45
-40
-35
1500
LP10861
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
LP1042
-1.0
-16
-13.5
-11.5
-10
-45
-40
-35
-40
-38
-35
1500
LP1089
-1.0
-22
-20
-18
-12
-42
-38
-32
-50
-40
-40
1500
LP1117
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
LP1138
-0.8
-18
-16
-14
-12
-42
-37
-33
-50
-40
-40
1500
LP11482
-1.5
-18
-13.5
-11.5
-10
-42
-37
-33
-50
-40
-40
1500
LP11782
-1.5
-18
-13.5
-11.5
-10
-42
-37
-33
-50
-40
-40
1500
LP88515
-1.0
-18
-18
-16
-12
-50
-45
-40
-55
-50
-50
1500
LP88517
-1.0
-18
-16
-15
-12
-45
-40
-35
-50
-40
-40
1500
1.
.Add suffix NL for RoHS compliant,eg:LP1012 changes to LP1012NL
.Operating temperature–40
to +85
Mechanicals
LPXXXX
LP1012P
0° -8°
LINK-PP
Data Code
LINK-PP
Data Code


Similar Part No. - LP1086

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP108 ETC1-LP108 Datasheet
41Kb / 2P
25/30 WATT Low Profile
logo
Altech corporation
LP108 ALTECH-LP108 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
First Components Intern...
LP1083 FCI-LP1083 Datasheet
962Kb / 13P
LOW DROPOUT POSITVITE ADJUSTABLE REGULATOR
LP1083CM FCI-LP1083CM Datasheet
962Kb / 13P
LOW DROPOUT POSITVITE ADJUSTABLE REGULATOR
LP1083CZ FCI-LP1083CZ Datasheet
962Kb / 13P
LOW DROPOUT POSITVITE ADJUSTABLE REGULATOR
More results

Similar Description - LP1086

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S558-5999-K8 BEL-S558-5999-K8 Datasheet
46Kb / 2P
10/100BASE-T LAN MAGNETICS Single Port Transformer Modules
logo
Bothhand USA, LP.
16ST1038 BOTHHAND-16ST1038 Datasheet
183Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1081 BOTHHAND-16ST1081 Datasheet
184Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1119 BOTHHAND-16ST1119 Datasheet
185Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1119-2 BOTHHAND-16ST1119-2 Datasheet
186Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1178M BOTHHAND-16ST1178M Datasheet
184Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST6148 BOTHHAND-16ST6148 Datasheet
186Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1112NL PULSE-H1112NL Datasheet
671Kb / 2P
10/100Base-TX Single Port Transformer Modules
H1093 PULSE-H1093 Datasheet
78Kb / 2P
10/100BASE-TX SINGLE PORT TRANSFORMER MODULES
H1112NLT PULSE-H1112NLT Datasheet
467Kb / 3P
10/100Base-TX Single Port Transformer Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com