Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1201607 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1201607
Description  Parallel kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1201607 Datasheet(HTML) 1 Page - Festo Corporation.

  1201607 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parallel kit
EAMM-U-50-D32-42A-78
Part number: 1201607
Data sheet
Feature
Value
Size
50
Mounting position
Any
Gear ratio
1:1
Max. rotational speed
6000 1/min
LABS (PWIS) conformity
VDMA24364-B2-L
Storage temperature
-25 °C ... 60 °C
Relative air humidity
0 - 95 %
Degree of protection
IP40
Ambient temperature
-10 °C ... 60 °C
Mass moment of inertia
12.1 kgmm²
No-load driving torque
0.01 Nm
Transferable torque
1 Nm
Product weight
610 g
Interface code, actuator
D32B
Interface code, motor in
42A
Note on materials
RoHS-compliant
12/26/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 1201607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1201600 PHOENIX-1201600 Datasheet
81Kb / 6P
Speed starter - CSS 0.37-1/3-EMC
11/10/2021
1201602 PHOENIX-1201602 Datasheet
81Kb / 6P
Speed starter - CSS 0.55-1/3-EMC
11/10/2021
1201604 PHOENIX-1201604 Datasheet
268Kb / 5P
BG/SA - Angled brackets
More results

Similar Description - 1201607

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1202436 FESTO-1202436 Datasheet
71Kb / 1P
Parallel kit
12/26/22
1210442 FESTO-1210442 Datasheet
68Kb / 1P
Parallel kit
12/26/22
1215802 FESTO-1215802 Datasheet
72Kb / 1P
Parallel kit
12/26/22
1217373 FESTO-1217373 Datasheet
69Kb / 1P
Parallel kit
12/26/22
2155875 FESTO-2155875 Datasheet
72Kb / 1P
Parallel kit
12/26/22
2617488 FESTO-2617488 Datasheet
69Kb / 1P
Parallel kit
12/26/22
2619586 FESTO-2619586 Datasheet
70Kb / 1P
Parallel kit
12/26/22
2802441 FESTO-2802441 Datasheet
71Kb / 1P
Parallel kit
12/26/22
2803125 FESTO-2803125 Datasheet
72Kb / 1P
Parallel kit
12/26/22
1435968 FESTO-1435968 Datasheet
58Kb / 1P
Parallel kit
12/29/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com