Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # STS
Description  Surface Mount Process Sealed Tactile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

STS Datasheet(HTML) 1 Page - CIT Relay & Switch

  STS Datasheet HTML 1Page - CIT Relay & Switch STS Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.54
[.10]
5.08
[ 20]
5.08
[20]
2.54
[10]
(2X) 0.30
[.01]
(2X) 0.40
[.02]
2.60
[ 10]
[.02]
[]
POS. 1
POS. 3
POS.2
[.77]
2.00
[.08]
Specifications and availability subject to change without notice.
Dimensions are shown for reference purposes only.
STS Rev B 11/2022
20550 Commerce Blvd, Rogers, MN 55374 USA
Sales (763) 535-2339
www.CITRelay.com
email: sales@CITRelay.com
1 of 2
Surface Mount Process Sealed Tactile
STS
Dielectric Strength
250Vrms min
Insulation Resistance
≥100MΩ min
Operating Temperature -40ºC to 85ºC
Storage Temperature
-40ºC to 85ºC
Sealing Degree
IP67
Quantity per reel
4.3mm = 1K pieces per reel
5.0mm = 1K pieces per reel
7.0mm = 700 pieces per reel
Electrical Ratings
50mA @ 48VDC
Electrical Life
500,000 cycles typical
Contact Resistance
≤50mΩ initial
Actuation Force
200 ± 50gF
260 ± 50gF
Actuator Travel
.45 + 0.20mm / - 0.10mm
Actuator
PA6T Nylon
Actuator Cover
Brass, Tin Plated
Switch Housing
PPS
Seal
Silicone Rubber
Contacts
Stainless Steel, Silver Plated
Terminals
Copper Alloy, Silver Plated
1. Series
STS
5.0
L
F200
Q
G
STS
2. Actuator Height
4.3 = 4.3mm
5.0 = 5.0mm
7.0 = 7.0mm
3. Contact Options
L = Stainless Steel dome
4. Actuation Force
F200 = 200gF
F260 = 260gF
5. Contact Material
Q = Silver Plated
6. Terminal Options
G = Gull Wing
Materials
Ordering Information
Specifications
PO
OSS.2
PO
OS 2
RECOMMENDED REFLOW SOLDERING TEMPERATURE PROFILE
5 ~ 10 s
5 s max Peak Temp.
60 s max
120 ~ 150 s
60 s max
30 s
max
TIME
TEMPERATURE
150
~
230
~
255
~
MAX 260
~ C
AMBIENT
TEMPERATURE
Recommended Reflow Soldering Diagram


Similar Part No. - STS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STS BOURNS-STS Datasheet
300Kb / 2P
Ultraminiature Tactile Switch
logo
3M Electronics
STS 3M-STS Datasheet
77Kb / 1P
Wire Marker type-On sheets
logo
Connor-Winfield Corpora...
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
Synchronous Timing Module
logo
Silonex Inc.
STS-8831 SILONEX-STS-8831 Datasheet
25Kb / 1P
Dual Channel Optical Switch Assembly Over / Under Optical Axis
STS-8857 SILONEX-STS-8857 Datasheet
23Kb / 1P
Transmissive Switch Assembly
More results

Similar Description - STS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3WN OMRON-B3WN Datasheet
352Kb / 4P
Sealed Tactile Switch
B3WN OMRON-B3WN_10 Datasheet
304Kb / 4P
Sealed Tactile Switch
B3S1002P OMRON-B3S1002P Datasheet
244Kb / 3P
Sealed Tactile Switch (SMT)
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
Sealed Tactile Switches
logo
Copal Electronics
SMT1 COPAL-SMT1 Datasheet
576Kb / 2P
Surface Mount Tactile Switches
SMT3 COPAL-SMT3 Datasheet
676Kb / 2P
Surface Mount Tactile Switches
logo
CIT Relay & Switch
STR CIT-STR Datasheet
542Kb / 2P
Surface Mount, Process Sealed Tactile
Rev A 2020/12
logo
Omron Electronics LLC
B3W OMRON-B3W_V01 Datasheet
457Kb / 6P
Sealed Tactile Switch
logo
CIT Relay & Switch
STJV CIT-STJV Datasheet
461Kb / 1P
Right Angle, Multi-Directional Actuator, Process Sealed Tactile
Rev B 11/2022
STJ CIT-STJ Datasheet
258Kb / 1P
Multi-Directional Actuator, Process Sealed Tactile
Rev B 11/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com