Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI2579N Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # DI2579N
Description  SMD High Voltage NPN Transistors SMD Hochspannungs-NPN-Transistoren
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DI2579N Datasheet(HTML) 2 Page - Diotec Semiconductor

  DI2579N Datasheet HTML 1Page - Diotec Semiconductor DI2579N Datasheet HTML 2Page - Diotec Semiconductor DI2579N Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DI2579N
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis
IC = 350 mA
IC = 1000 mA
VCE = 5 V
1
)
hFE
15
4
20
–
30
–
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspannung
IC = 350 mA
IB = 50 mA
1
)
VCEsat
–
–
1 V
Base-Emitter-voltage – Basis-Emitter-Spannung
IC = 350 mA
IB = 50 mA
1
)
VBEsat
–
–
1 V
Collector-Emitter cutoff current – Kollektor-Basis-Reststrom
VCB = 700 V
B-E short
ICES
–
–
1 mA
Switching times – Schaltzeiten
IC = 100 mA
resistive load
tr
ts
–
1.5 µs
–
0.1 µs
2.9 µs
Typical thermal resistance junction to ambient
Typischer Wärmewiderstand Sperrschicht – Umgebung
RthA
80 K/W 2)
Dimensions – Maße [mm]
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 100 mm2 copper pad at the collector terminal
Montage auf Leiterplatte mit 100 mm2 Kupferbelag (Lötpad) am Kollektor-Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com