Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM9966CO Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM9966CO
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9966CO Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM9966CO Datasheet HTML 1Page - Anpec Electronics Coropration APM9966CO Datasheet HTML 2Page - Anpec Electronics Coropration APM9966CO Datasheet HTML 3Page - Anpec Electronics Coropration APM9966CO Datasheet HTML 4Page - Anpec Electronics Coropration APM9966CO Datasheet HTML 5Page - Anpec Electronics Coropration APM9966CO Datasheet HTML 6Page - Anpec Electronics Coropration APM9966CO Datasheet HTML 7Page - Anpec Electronics Coropration APM9966CO Datasheet HTML 8Page - Anpec Electronics Coropration APM9966CO Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
2
APM9966CO
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
20
VGSS
Gate-Source Voltage
±10
V
ID*
Continuous Drain Current
6
IDM*
300
µs Pulsed Drain Current
VGS=4.5V
20
A
IS*
Diode Continuous Forward Current
1.7
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
1.25
PD*
Maximum Power Dissipation
TA=100°C
0.5
W
RθJA*
Thermal Resistance-Junction to Ambient
100
°C/W
Note:
*Surface Mounted on 1in
2 pad area, t
≤ 10sec.
APM9966CO
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250
µA
20
V
VDS=16V, VGS=0V
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250
µA
0.45
0.6
1
V
IGSS
Gate Leakage Current
VGS=±10V, VDS=0V
±100
nA
VGS=4.5V, IDS=6A
20
24
RDS(ON)
a
Drain-Source On-state Resistance
VGS=2.5V, IDS=5.2A
25
30
m
Ω
VSD
a
Diode Forward Voltage
ISD=1.7A, VGS=0V
0.8
1.3
V
Gate Charge Characteristics
b
Qg
Total Gate Charge
21.7
28
Qgs
Gate-Source Charge
8.5
Qgd
Gate-Drain Charge
VDS=10V, VGS=4.5V,
IDS=6A
2.1
nC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com