Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DIO24 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # USB-DIO24
Description  USB-DIO24, -1024, and -DIO96H Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-DIO24 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  USB-DIO24 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-DIO24 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-DIO24 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-DIO24 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-DIO24 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-DIO24 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-DIO24 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Measurement Computing
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
USB Digital I/O
Sink current: 64 mA per output max
Power-up state: Input mode
Debounce mode (available through firmware): samples all inputs eight times
over a specified interval, and latches out the input state when eight consecu-
tive samples are identical (all 0 or all 1). Debouncing intervals: 1 ms, 2 ms,
5 ms, 10 ms, 20 ms, 50 ms, 100 ms, 200 ms, and 400 ms.
Debounce interval accuracy: +0% / –12.5%
Note: The board revision may be determined from the part number label on the
housing that states “193770X-01L”, where X is the board revision.
Counter (USB-DIO96H only)
Pin name: CTR; Schmitt trigger input protected with a 1.5 kΩ series resistor.
Counter type: Event counter
Number of channels: 1
Input source: CTR screw terminal
Input type: TTL, rising edge triggered
Resolution: 32 bits
Input high voltage limit: 5.0 V recommended max, 5.5 V absolute max
Input low voltage limit: 0 V recommended min, –0.5 V absolute min
Maximum input frequency: 1 MHz
High pulse width: 500 ns min
Low pulse width: 500 ns min
Hardware revision F and earlier:
Input type: Schmitt trigger, rising edge triggered, 1.5 kΩ input series resistor
Schmitt trigger hysteresis: 20 mV min, 100 mV max
Input high voltage threshold: 4.0 V max
Input low voltage threshold: 1.0 V min
Hardware revisions G and later:
Input type: Schmitt trigger, rising edge triggered, fixed 47.5 kΩ pull-down
resistor, 1.5 kΩ input series resistor
Schmitt trigger hysteresis: 0.6 V min, 1.7 V max
Input high voltage threshold: 3.6 V max
Input low voltage threshold: 1.0 V min
Note: The board revision may be determined from the part number label on the
housing that states “193770X-01L”, where X is the board revision.
Data Transfer Rates
Digital I/O transfer rates (software paced):
System dependent, 33 to 250 port reads/writes or single bit reads/writes per
second typ
Counter/timer read/write rates (software paced); USB-DIO96H only:
Counter read: system dependent, 33 to 250 reads per second
Counter clear: system-dependent, 33 to 250 writes per second
Environmental
Operating temperature range: 0 °C to 60 °C
Storage temperature range: –40 °C to 85 °C
Humidity: 0% to 90% non-condensing
Mechanical
Board dimensions (L×W×H): 304.8 × 121.9 × 20.0 mm (12.0 × 4.8 × 0.8 in.)
Enclosure dimensions (L×W×H):
342.9 × 125.7 × 58.9 mm (13.50 × 4.95 × 2.32 in.)
Power
USB +5 V input voltage range: 4.75 V min to 5.25 V max
USB +5 V supply current (all modes of operation): <100 mA
External power input: 5 VDC ± 5% (5 VDC power supply provided). Voltage
specification applies at barrel plug power input. If a different power supply is
used, small line resistances could cause significant voltage drop between the
power supply and the barrel plug input.
External power supply (MCC p/n PS-5V3AEPS included):
5 VDC, 15 W, 5% regulation
Alternate external power supply (from PC aux power; cable not included):
Jumper selectable Molex® connector internal to case
Voltage supervisor limits:
4.13 V > Vext or Vext > 5.59 V: PWR LED = Off; (power fault)
4.13 V < Vext < 5.59 V: PWR LED = On
Power supply current: 2.7 A max
User 5 V output voltage range (available at 5 V screw terminals):
4.0 V min, 5.25 V max
User 5 V output current available (total from all 5 V screw terminals):
50 mA max
Accessories and Cables
Part No.
Description
C37FF-x
37-conductor ribbon cable, female to female; x is the
length in feet. Use with the USB-DIO24 Series.
C50FF-x
50-conductor ribbon cable, female to female; x is the
length in feet. Use with the USB-DIO96H Series.
CIO-MINI37
37-pin universal screw-terminal board. Use with the
USB-DIO24/37.
CIO-MINI50
50-pin universal screw-terminal board. Use with the
USB-DIO96H/50.
CIO-TERM100
Universal screw-terminal board, 100 terminals, positions
for pull-up resistors. Use with the USB-DIO96H/50.
PS-5V3AEPS
Replacement power supply, 15 watt. Interchangeable
plugs are available; refer to the website for details. Use
with the USB-DIO96H Series.
SCB-37
37-pin signal connection box. Use with the USB-DIO24
Series.
SCB-50
50-pin signal connection box. Use with the
USB-DIO96H/50.
Ordering
Order Information
Part No.
Description
USB-DIO24/37
USB digital I/O board with 24 digital I/O, counter
input, and 37-pin D connector. 82C55-based.
Includes USB cable and MCC DAQ software.
USB-DIO24H/37
USB digital I/O board with 24 high-current
digital I/O (64 mA sink, 15 mA source), counter
input, and 37-pin D connector. Includes USB
cable and MCC DAQ software.
USB-1024LS
USB digital I/O device with 24 digital I/O,
counter input, screw terminals, and cased
housing. 82C55-based. Includes USB cable and
MCC DAQ software. Functionally equivalent to the
USB-DIO24/37.
USB-1024HLS
USB digital I/O device with 24 high-current
digital I/O (64 mA sink, 15 mA source) , counter
input, screw terminals, and cased housing.
Includes USB cable, and MCC DAQ software.
Functionally equivalent to the USB-DIO24H/37.
USB-DIO96H
USB digital I/O device with 96 high-current
digital I/O (64 mA sink, 15 mA source), counter
input, screw terminals, and metal enclosure.
Includes power supply, USB cable, and MCC
DAQ software.
USB-DIO96H/50
USB digital I/O device with 96 high-current
digital I/O (64 mA sink, 15 mA source), header
connectors, and metal enclosure. Includes power
supply, USB cable, and MCC DAQ software.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com