Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-1024LS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-1024LS
Description  USB-DIO24, -1024, and -DIO96H Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-1024LS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-1024LS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1024LS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-1024LS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-1024LS Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-1024LS Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-1024LS Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-1024LS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB Digital I/O
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
Digital I/O
USB-DIO24SeriesandUSB-1024Series
USB-DIO24 and USB-1024 Series provide
24 DIO channels configured as either two
banks of eight ports and two banks of
four ports, or three banks of eight ports.
Each port is independently configurable
for input or output.
The USB-DIO24/37 and USB-1024LS are
designed with an 82C55 interface chip.
USB-DIO24 Series boards (left) provide 24 DIO. The USB-1024 Series (middle) provide the
same functionality as the USB-DIO24 Series and are shipped in a case. USB-DIO96H Series
(right) provide 96 DIO, high-drive current output and are shipped in a metal enclosure.
The USB-DIO24H/37 and USB-1024HLS
are designed to emulate 82C55 mode 0.
Outputsarehigh-driveTTLthatcansource
15 mA and sink 64 mA.
Digital I/O lines are accessed through
a 37-pin D-type connector on the
USB-DIO24 Series, and through screw
terminals on the USB-1024 Series. USB-
DIO24 Series are board-only, while the
USB-1024 Series are shipped in a case.
USB-DIO24 Series, USB-1024 Series, and USB-DIO96H Series Selection Chart
Model
Digital Type
Sink
(per output)
Source
(per output)
Max Input Volt-
age
Signal I/O
USB-DIO24/37
82C55
2.5 mA
2.5 mA
5.5 V
37-pin D-type
USB-DIO24H/37
Output: 74FCT244
Input: 74ACT373
64 mA
15 mA
5.5 V
37-pin D-type
USB-1024LS
82C55
2.5 mA
2.5 mA
5.5 V
40-pin screw terminals
USB-1024HLS
Output: 74FCT244
Input: 74ACT373
64 mA
15 mA
5.5 V
40-pin screw terminals
USB-DIO96H
Output: 74ABT244A
Input: 74ACT373
64 mA
24 mA
5.5 V
96-pin screw terminals
Four 50-pin IDC-type headers
USB-DIO96H/50
Output: 74ABT244A
Input: 74ACT373
64 mA
24 mA
5.5 V
Two 50-pin IDC-type headers
USB-DIO24, -1024, and -DIO96H Series
Features
• 24 digital I/O (USB-DIO24
Series and USB-1024 Series) or
96 digital I/O
(USB-DIO96H Series)
• High current output available
• Event counter available
• Available as board-only
(USB-DIO24 Series), enclosed in
a housing (USB-DIO96H Series),
or cased (USB-1024 Series)
Supported Operating Systems
• Windows®
11/10/8/7/Vista®/
XP, 32/64-bit
• Linux®
Overview
The USB-DIO24, -1024, and -DIO96H Series are digital I/O data acquisition devices.
The USB-1024 Series adds 24 lines of logic-level digital I/O to any USB port. The
USB-1024HLS high output current can drive many logic level devices directly,
eliminating the need for costly buffer circuitry.
The USB-DIO24 Series has all the functionality of the USB-1024 Series, but is
enclosed in a case and designed with a D connector that matches the PCI-DIO24,
making it easy to replace PCI boards in your applications.
The USB-DIO96H Series provides 96 lines of high-current, logic-level, bidirectional
digital I/O. The units offer 4 independent 24-bit DIO groups, each divided into
two 8-bit ports and two 4-bit ports. The outputs can drive a wide assortment of
external devices directly, without additional buffering. USB-DIO96H Series are
housed in a heavy-duty chassis with integrated mounting slots.
USB-DIO96H Series
The USB-DIO96H Series provides 96 DIO
channels that are configured as eight
banks of eight ports and eight banks of
four ports. Each port is independently
configurable for input or output. USB-
DIO96H Series devices are designed to
emulate 82C55 mode 0. Digital outputs
are high-drive TTL that can source 24
mA/sink 64 mA.
Digital I/O lines are accessed through the
screw terminals on the USB-DIO96H, and
through the header connectors on the
USB-DIO96H/50. USB-DIO96H Series
boards are shipped in a rugged metal
enclosure that you can mount on a DIN
rail or bench.


Similar Part No. - USB-1024LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB-1208FS-PLUS ETC-USB-1208FS-PLUS Datasheet
1Mb / 7P
12-bit and 14-Bit Multifunction DAQ Devices
May 2018. Rev 3
USB-1208FS-PLUS-OEM ETC-USB-1208FS-PLUS-OEM Datasheet
1Mb / 7P
12-bit and 14-Bit Multifunction DAQ Devices
May 2018. Rev 3
USB-1208LS ETC-USB-1208LS Datasheet
1Mb / 7P
12-bit and 14-Bit Multifunction DAQ Devices
May 2018. Rev 3
logo
Coolgear Inc.
USB-12XU1CC COOLGEAR-USB-12XU1CC Datasheet
1Mb / 2P
12 Port USB Type C Charging Station 3 Amp Per Port
Rev 01.200716
USB-12XU1CH COOLGEAR-USB-12XU1CH Datasheet
1Mb / 2P
12 Port USB 2.0 Type C Charging Hub 3 Amp Per Port
Rev 01.200716
More results

Similar Description - USB-1024LS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
Mitsubishi Electric Sem...
M6M80011 MITSUBISHI-M6M80011 Datasheet
253Kb / 10P
1024 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
128, 256 and 1024 Channel CESoP Processors
logo
National Semiconductor ...
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
1024-Bit (1024 x 1) Static RAMs
logo
LEDTRONICS, INC
DIS-1024-005A LEDTRONICS-DIS-1024-005A Datasheet
50Kb / 1P
DIS-1024-005A
DIS-1024-105A LEDTRONICS-DIS-1024-105A Datasheet
47Kb / 1P
DIS-1024-105A
DIS-1024-X07 LEDTRONICS-DIS-1024-X07 Datasheet
53Kb / 1P
DIS-1024-X07
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110_08 Datasheet
1Mb / 112P
128, 256, 512 and 1024 Channel CESoP Processors
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
1024 x 1024 pixels, front-illuminated FFT-CCDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com