Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPK-R-6A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FPK-R-6A
Description  UL Class CC Fuse - Fast Acting 13/32” x 1 1/2”
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FPK-R-6A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FPK-R-6A Datasheet HTML 1Page - List of Unclassifed Manufacturers FPK-R-6A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Specifications
Electrical Specifications
Standards
Interrupting Rating
600VAC – 1A - 30A
300VDC – 1A - 30A
1A-30A - UL Listed to Standard 248-4. File E523284
1A-30A - CSA Certified Standard C22.2 No. 248.4. File E523284
Branch-circuit Fuses
200,000 amperes at 600V AC(1A-30A)
20,000 amperes at 300V DC(1A-30A)
Part Numbers Information
Time vs. Percent of Rated Current
Optifuse P/N
Current Rating
FPK-R-1A
FPK-R-1.25A
FPK-R-1.5A
FPK-R-1.6A
FPK-R-2A
FPK-R-2.5A
FPK-R-3A
FPK-R-3.15A
FPK-R-3.5A
FPK-R-4A
FPK-R-5A
FPK-R-6A
FPK-R-6.3A
FPK-R-7A
FPK-R-8A
FPK-R-9A
FPK-R-10A
FPK-R-12A
FPK-R-15A
FPK-R-16A
FPK-R-20A
FPK-R-25A
FPK-R-30A
1A
1.25A
1.5A
1.6A
2A
2.5A
3A
3.15A
3.5A
4A
5A
6A
6.3A
7A
8A
9A
10A
12A
15A
16A
20A
25A
30A
% of Rated Current
Blowing Time
100%
153%
200%
15 minuts Min.
1 hr Max.
4 minuts Max.
Mechanical Dimensions: Inches [mm]
Rev A 01/2022
UL Class CC Fuse – Fast Acting
13/32” x 1 1/2”
FPK-R


Similar Part No. - FPK-R-6A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPK-1.25A ETC-FPK-1.25A Datasheet
540Kb / 2P
UL Class M Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
FPK-1.5A ETC-FPK-1.5A Datasheet
540Kb / 2P
UL Class M Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
FPK-1.6A ETC-FPK-1.6A Datasheet
540Kb / 2P
UL Class M Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
FPK-10A ETC-FPK-10A Datasheet
540Kb / 2P
UL Class M Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
FPK-12A ETC-FPK-12A Datasheet
540Kb / 2P
UL Class M Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
More results

Similar Description - FPK-R-6A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KTK-R ETC1-KTK-R Datasheet
40Kb / 1P
Fast-Acting Fuses 13/32??x 1-1/2?? Class CC - 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
MIC-3 COOPER-MIC-3 Datasheet
32Kb / 2P
Indicating, Fast-Acting Fuse For 13/32??x 1-1/2??(10.3mm x 38.1mm)
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
List of Unclassifed Man...
FPK ETC-FPK Datasheet
540Kb / 2P
UL Class M Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com