Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW38HC42 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW38HC42
Description  CMOS Current-Mode PWM Voltage Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW38HC42 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW38HC42 Datasheet HTML 1Page - Anpec Electronics Coropration APW38HC42 Datasheet HTML 2Page - Anpec Electronics Coropration APW38HC42 Datasheet HTML 3Page - Anpec Electronics Coropration APW38HC42 Datasheet HTML 4Page - Anpec Electronics Coropration APW38HC42 Datasheet HTML 5Page - Anpec Electronics Coropration APW38HC42 Datasheet HTML 6Page - Anpec Electronics Coropration APW38HC42 Datasheet HTML 7Page - Anpec Electronics Coropration APW38HC42 Datasheet HTML 8Page - Anpec Electronics Coropration APW38HC42 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Jan., 2003
APW38HC42A/3A/4A/5A
www.anpec.com.tw
2
Duty Cycle
Startup 8.4V
Minimum Operating 7.6V
Startup 14.5V
Minimum Operating 9V
0~96%
APW38HC43A
APW38HC42A
0~50%
APW38HC45A
APW38HC44A
Block Diagram
Functional Pin Description
Pin Name
Pin Number
Function Description
1
COMP
Compensation: Connect external compensation network to
modify the error amplifier output.
2
FB
Feedback (Input): Error amplifier input. Feedback is 2.5V at
desired output voltage.
3ISNS
Current Sense (Input): Current sense comparator input.
Connect to current sensing resistor or current transformer.
4
RT/CT
Timing Resistor/Timing Capacitor: Connect external RC
network to select switching frequency.
5
GND
Ground: Combined analog and power ground.
6
OUT
Power Output: Totem-pole output.
7VDD
Analog Supply (Input): Controller circuitry supply input. Return
to analog ground (AGND).
8
VREF
5V Reference (Output): Connect external RC network.
UVLO
T
Q
Oscillator
5V
Reference
S
Q
R
+
-
+
-
OUT
ISNS
GND
COMP
2.5V
FB
RT/CT
VREF
VDD
R
2R
E. A.
Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com