Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5901-26VC Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5901-26VC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5901-26VC Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5901-26VC Datasheet HTML 4Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 5Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 6Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 7Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 8Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 9Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 10Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 11Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
8
0.001
0.01
0.1
1
0
150
300
450
600
750
900
VOUT
COUT=1
µF
No Load
Typical Characteristics
Entering Shutdown
Time (1ms/div)
VOUT
vSHDN
Shutdown Exit Delay
Time (20ms/div)
VOUT
vSHDN
CBP=100nF
No Load
Time (200ms/div)
VOUT=3.3V
Region of Stable ESR vs. Load Current
Load Current (mA)
Shutdown Exit Delay
unstable
stable
APL5901/2-33
APL5901/2-33
APL5901/2-33
APL5901/2-33
3.3V
4V
3.3V
4V
0V
0V
0V
0V
3.3V
4V
0V
0V
CBP=10nF
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com