Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW6021 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW6021
Description  Advanced PWM and Triple Linear Power Controllers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6021 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW6021 Datasheet HTML 1Page - Anpec Electronics Coropration APW6021 Datasheet HTML 2Page - Anpec Electronics Coropration APW6021 Datasheet HTML 3Page - Anpec Electronics Coropration APW6021 Datasheet HTML 4Page - Anpec Electronics Coropration APW6021 Datasheet HTML 5Page - Anpec Electronics Coropration APW6021 Datasheet HTML 6Page - Anpec Electronics Coropration APW6021 Datasheet HTML 7Page - Anpec Electronics Coropration APW6021 Datasheet HTML 8Page - Anpec Electronics Coropration APW6021 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. P.4 - Mar., 2001
APW6021
www.anpec.com.tw
2
Pin Description
Ordering Information
VC C
FAULT/ RT
1
2
3
4
5
6
7
8
SD
12
11
10
9
SS
16
15
13
14
17
18
19
20
24
23
22
21
28
27
26
25
LGATE
OCSET
VSEN1
PGND
FB
COMP
UGATE
PHASE
DRIVE3
GND
VAUX
DRIVE4
VID4
VID3
VID0
VID1
VID2
DRIVE2
FIX
PGOOD
VSEN2
SELECT
VSEN4
VSEN3
APW 6 0 2 1
P a ckag e C ode
K : S O P - 2 8
T e m p . R ange
C : 0 to 7 0 C
H andlin g C ode
T U : T ube
T R : T ape & R eel
Lead F ree C ode
L : Lead F ree D e v ice
B lan k : O rig inal D e v ice
°
H andlin g C ode
T e m p . R ange
P a ckag e C ode
Lead F ree C ode
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
V
CC
Supply Voltage
15
V
V
BOOT –VPHASE
Boot Voltage
15
V
V
I , VO
Input , Output or I/O Voltage
GND -0.3 V to V
CC +0.3
V
T
A
Operating Ambient Temperature Range
0 to 70
°C
T
J
Junction Temperature Range
0 to 125
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature
300 ,10 seconds
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com