Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL10E Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL10E
Description  DC/DC CONVERTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL10E Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL10E Datasheet HTML 1Page - Artesyn Technologies SIL10E Datasheet HTML 2Page - Artesyn Technologies SIL10E Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output Voltage Adjustment of the SIL10-05Wxxx Series
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Referenced to ground for shutdown. If pin 6 is high unit will shutdown.
If pin 6 is open unit will operate as normal. Converter is guaranteed OFF
when control pin is greater than 1.2V.
2
Full de-rating curves available in both the Long Form Data Sheet and
Application Note 134.
3
For certain applications that use low ESR capacitors on the output of the
convertor and to insure maximum converter stability, please add the
suffix ‘02’ to the model, e.g. SIL10E-05S2V5-V02.
CAUTION: High internal temperatures. Ensure that unit is not user
accessible.
SIL10E Series
Single output
DC/DC CONVERTERS
E Class Non-isolated2
NEW Product
File Name: sil10e.pdf Rev: 27 Feb 2003
SIL10E-05S3V3-V
Part Number System with Options
Product Family
SIL = Single In Line
Rated Output Current
10 = 10Amps
Mounting Option
V = Vertical Mount
H= Horizontal Mount
Number of Outputs
S = Single
W = Wide
Input Voltage
05 = 3.0V - 5.5V
12 = 10V - 14V
Output Voltage
2.5V, 3.3V etc
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL10E-05W3V3. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.8V to 3.6V. When the SIL10E-05W3V3 converter
leaves the factory the output has been adjusted to the default voltage of 3.3V
• When Vin ≥ 4.5V, then Vout can be adjusted from 0.8V to 3.6V
• When Vin < 4.5V, then Vout can be adjusted from 0.8V to 2.75V
Output Voltage Adjustment of the SIL10E-05W3V3 Series
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(MAX.)
(MIN.)
(MAX.)
8.8W
3.0V - 5.5V
0.8V
0A
10A
83%
±1%
±1.5%
SIL10E-05S0V8-V
11W
3.0V - 5.5V
1.0V
0A
10A
86%
±1%
±1.5%
SIL10E-05S1V0-V
13.2W
3.0V - 5.5V
1.2V
0A
10A
88%
±1%
±1%
SIL10E-05S1V2-V
(3)
16.5W
3.0V - 5.5V
1.5V
0A
10A
90%
±1%
±1%
SIL10E-05S1V5-V
19.8W
3.0V - 5.5V
1.8V
0A
10A
92%
±1%
±1%
SIL10E-05S1V8-V
22W
3.0V - 5.5V
2.0V
0A
10A
93%
±1%
±1%
SIL10E-05S2V0-V
27.5W
3.0V - 5.5V
2.5V
0A
10A
94%
±1%
±1%
SIL10E-05S2V5-V
(3)
36.3W
4.5V - 5.5V
3.3V
0A
10A
95%
±1%
±1%
SIL10E-05S3V3-V
36.3W
4.5V - 5.5V
3.3V
0A
10A
95%
±1%
±1%
SIL10E-05W3V3-V
Performance
E= Enhanced Performace



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com