Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3211SW-MART Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3211SW-MART
Description  21.5 Panel PC with Win 10 LTSC and Intel® Core™ i5-6300U
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3211SW-MART Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3211SW-MART Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3211SW-MART Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
21.5" Panel PC with Win 10 LTSC and
Intel® Core™ i5-6300U
ƒ
21.5" true-flat FHD TFT LCD with projected capacitive touch control
ƒ
Win 10 IOT LTSC, 8GB DDR4 SDRAM, 128GB 3D TLC SSD
ƒ
Fanless design with aluminum alloy enclosure
ƒ
Wide Range DC input (12~24V DC), Configurable RS-232/422/485
ƒ
IP65-rated front panel, Supports dual displays, VESA 100
ƒ
Supports TPM 2.0 (optional)
ƒ
No RED Certification
Introduction
The PPC-3211SW-MART is an all-in-one light panel PC with a wide format 21.5" FHD industrial-grade LCD, Intel® Core™ i5-6300U, 8GB DDR4, 128GB SSD, 90W power adapter
and Win 10 LTSC to provide high-performance computing in a compact and fanless system.
Specifications
System
CPU
i5-6300U
Cores
Dual Core
Frequency
2.4 GHz; 3.0 GHz with turbo boost
L3 Cache
3 MB
TDP
15W
Memory
1 x 8GB SODIMM DDR4 2400 MHz
Storage
1 x 128GB 2.5" 3D TLC SSD
1 x mSATA bay
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I211-AT; Intel I219LM)
I/O
2 x Serial ports: 1 x RS-232, 1 x RS-232/422/485(Adjustable through BIOS)
2 x USB 3.0, 2 x USB 2.0
1 x HDMI
1 x TPM 2.0 internal (optional)
Speaker
2 x 1W
Expansion
1 x Full-size mini PCIe slot
Watchdog Timer
255 timer levels, set up by software
Physical
Characteristics
Dimensions
558.4 x 349.8 x 62.2 mm (21.9 x 13.7 x 2.4 in)
Weight
6.8 kg (14.9 lb)
OS Support
OS Support
Microsoft® Windows 10 IOT LTSC
Power Consumption
Input Voltage
12 ~ 24 VDC
100-240 VAC (90W A/D adapter in the accessory box)
Power Consumption
75W
LCD
Display Type
21.5" TFT LCD (LED backlight)
Resolution
1920 x 1080
Viewing Angle
89 (left), 89 (right), 89 (up), 89 (down)
Luminance (cd/m2)
300
Contrast Ratio
5000
Backlight Lifetime
50,000 hr
Touchscreen
Touch Type
10-point multi-touch projected capacitive
Light Transmission
90 % ± 3 %
Controller
USB interface
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) for SSD
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 1Grms @with HDD; 2Grms @with SSD, follow IEC 60068-2-64
EMC
CE, FCC Class B, BSMI
Safety
CB, UL, CCC
Front Panel Protection
IP65 compliant
PPC-3211SW-MART
All product specifications are subject to change without notice.
Last updated: 22-Jan-2021


Similar Part No. - PPC-3211SW-MART

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3211SW-P63A ADVANTECH-PPC-3211SW-P63A Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211SW-P63B ADVANTECH-PPC-3211SW-P63B Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211SW-P65A ADVANTECH-PPC-3211SW-P65A Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211SW-P65AU ADVANTECH-PPC-3211SW-P65AU Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211SW-P65B ADVANTECH-PPC-3211SW-P65B Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
More results

Similar Description - PPC-3211SW-MART

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-3150SW-MART ADVANTECH-PPC-3150SW-MART Datasheet
504Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
22-Jan-2021
PPC-3151SW-MART ADVANTECH-PPC-3151SW-MART Datasheet
570Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Core™ i5-6300U
22-Jan-2021
PPC-3180SW-MART ADVANTECH-PPC-3180SW-MART Datasheet
541Kb / 2P
18.5 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
22-Jan-2021
PPC-3181SW-MART ADVANTECH-PPC-3181SW-MART Datasheet
560Kb / 2P
18.5 Panel PC with Win 10 LTSC and Intel® Core™ i5-6300U
22-Jan-2021
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211W ADVANTECH-PPC-3211W Datasheet
389Kb / 2P
21.5 Fanless Widescreen Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-3241SW-MART ADVANTECH-PPC-3241SW-MART Datasheet
559Kb / 2P
23.8 Panel PC with Win 10 LTSC and Intel® Core™ i5-7300U
22-Jan-2021
logo
AAEON Technology
OMNI-2215-SKU AAEON-OMNI-2215-SKU Datasheet
791Kb / 2P
21.5” Modular HMI Panel PC with 6th Generation Intel® Core™ i5-6300U/C-3955U Processor
2022/11/04
logo
Advantech Co., Ltd.
UTC-220 ADVANTECH-UTC-220 Datasheet
540Kb / 2P
21.5" Open-frame panel PC UTC-220F with Intel® Core™ i5-6300U UTC-220G with Intel® Pentium® N4200
13-Sep-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com