Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-6121-R8IA Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-6121-R8IA
Description  12.1 Panel PC with 8/9th Generation Intel® Core™ i/Celeron® Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-6121-R8IA Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-6121-R8IA Datasheet HTML 1Page - Advantech Co., Ltd. PPC-6121-R8IA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-6121
ƒ
12.1" TFT XGA LCD panel with resistive touch control
ƒ
8th/9th generation Intel® Core™ i/Celeron® processor (thermal power design:
35W)
ƒ
2 x 260-pin SO-DIMM DDR4 2666 MHz (max. 32 GB)
ƒ
1 x M.2 2230 (E key)
ƒ
1 x mSATA bay (SATA SSD + mSATA support RAID 0&1)
ƒ
1 x Optional TPM2.0
ƒ
1 x Optional PCI/PCIe x4 expansion kit
ƒ
1 x Isolated RS422/485 (terminal block)
ƒ
1 x VGA and 1 x HDMI
ƒ
Dual GbE with Intel® AMT12.0 support
12.1" Panel PC with 8/9th Generation
Intel® Core™ i/Celeron® Processor
Introduction
The PPC-6121 is a 12.1" color TFT LCD panel PC that supports 8th/9th generation Intel® Core™ i/Celeron® processors for high-performance computing. Featuring various connectors,
PPC-6121 can be easily installed to support diverse application. Additionally, the system’s user-friendly interface makes it ideal for information-based applications. The provision
of 4 x RS-232, 1 x isolated RS422/485, and dual Intel® Gigabit Ethernet connectors with Intel® AMT support, as well as 1 x expansion slot, makes PPC-6121 a highly reliable and
versatile display platform.
Specifications
Processor System
CPU
I7-8700T
i5-8500T
I3-8100T
Pentium
G5400T
Celeron
G4900T
i7-9700TE
i5-9500TE
i3-9100TE
Cores
6
6
4
2
2
8
6
4
Frequency
2.4 GHz (up
to 4.0 GHz)
2.1 GHz (up
to 3.5 GHz)
3.1 GHz
3.1 GHz
2.9 GHz
1.8 GHz (up
to 3.8GHz)
2.2 GHz (up
to 3.6GHz)
2.2 GHz (up
to 3.2GHz)
L3 Cache
12 MB
9 MB
6 MB
4 MB
2 MB
12 MB
9 MB
6 MB
TDP
35W
35W
35W
35W
35W
35 W
35 W
35 W
Chipset
Q370
Memory
2 x 260-pin SO-DIMM DDR4 2666 MHz (max. 32 GB)
Storage
1 x 2.5" SATA bay;
1 x mSATA bay (SATA SSD+mSATA support RAID 0&1)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I219-LM + Intel I211) , supports Intel AMT 12.0 (only i7 /i5 support)
I/O ports
4 x RS-232, 1 x RS-422/485 with 1K VDC isolation,
4 x USB3.1
1 x DB15 VGA, 1 x HDMI 1.4
1 x Mic in, 1 x Line out
1 x GPIO(TTL, 8 pin programmable)
1 x TPM2.0 (optional)
Expansion
1 x M.2 2230(E key)
1 x PCIe x4 or 1 x PCI (optional)
Watchdog Timer
255 timer levels; setup by software
Speaker
2 x 1W
SYS Fan
40 x 40 x 10 mm (1.57 x 1.57 x 0.39 in)
Physical Characteristics
Dimensions
317 x 246 x 73mm(12.48 x 9.69 x 2.87 in)
Weight
3.8 kg (8.38 lb)
OS Support
OS Support
Microsoft® Windows 10 64bit, Linux (Ubuntu; Fedora 28)
Power Consumption
Input Voltage
12 ~ 30VDC
Power Consumption
120W (Burn-in test 8.1, Windows 10 64bit, i7-8700T, 16G RAM, 500G HDD)
LCD Display
Display Type
12.1" TFT LCD panel
Max. Resolution
1024 x 768
Viewing Angle
89 (left), 89 (right), 89 (up), 89 (down)
Luminance (cd/m2)
600
Contrast Ratio
1000
Backlight Lifetime
50,000 hr (min.)
Touchscreen
Touch Type
5-wire resistive
Light Transmission
80±5% at 550nm wavelength
Controller
USB interface
Durability (Touches)
Greater than 35 million touches in one location without failure
All product specifications are subject to change without notice.
Last updated: 14-Apr-2021


Similar Part No. - PPC-6121-R8IA

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-6120-EXPE ADVANTECH-PPC-6120-EXPE Datasheet
455Kb / 2P
12" Panel PC Supporting 4th Generation Intel짰 Core??i / Celeron짰 Processors
PPC-6120-RAE ADVANTECH-PPC-6120-RAE Datasheet
455Kb / 2P
12" Panel PC Supporting 4th Generation Intel짰 Core??i / Celeron짰 Processors
More results

Similar Description - PPC-6121-R8IA

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3120S ADVANTECH-PPC-3120S Datasheet
385Kb / 2P
12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
PPC-412 ADVANTECH-PPC-412 Datasheet
443Kb / 2P
12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3181SW ADVANTECH-PPC-3181SW Datasheet
430Kb / 2P
18.5 Fanless Panel PC with Intel® Core™ i Processor
1-Aug-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
logo
AAEON Technology
PCM-CFS AAEON-PCM-CFS Datasheet
483Kb / 2P
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
logo
BCM Advanced Research.
EPC-SKLU BCM-EPC-SKLU Datasheet
479Kb / 1P
6th Generation Intel® Core™/ Celeron® Processor Fanless Compact BOX PC
1/2/2018
logo
AAEON Technology
OMNI-2155-CML AAEON-OMNI-2155-CML Datasheet
485Kb / 2P
15.6” HMI Panel PC with 10th Generation Intel® Core™ / Celeron® Processor
OMNI-2155-SKU AAEON-OMNI-2155-SKU Datasheet
515Kb / 2P
15.6” Modular HMI Panel PC with 6th Generation Intel® Core™ i5-6300U/ Celeron® 3955U Processor
2022/11/04
OMNI-3125-BT AAEON-OMNI-3125-BT Datasheet
469Kb / 2P
12.1” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com