Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-6121-R8IAU Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-6121-R8IAU
Description  12.1 Panel PC with 8/9th Generation Intel® Core™ i/Celeron® Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-6121-R8IAU Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-6121-R8IAU Datasheet HTML 1Page - Advantech Co., Ltd. PPC-6121-R8IAU Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
PPC-6121
I/O View
A. 1 x Line-out/ Mic-in
B. 2 x Intel Gigabit Ethernet
C. 4 x USB3.1
D. 1 x GPIO
E. 1 x isolated RS-422/485
F. 1 x VGA
G. 1 x HDMI
H. 4 x RS-232
I. 1 x DC input
J. 1 x Power butter
Ordering Information
Part Number
Description
PPC-6121-R8IA
12.1" 8th/9th Gen Intel® Core™ i/Celeron® panel PC
with resistive touchscreen, assembled in China
PPC-6121-R8IAO
12.1" 8th/9th Gen Intel® Core™ i/Celeron® panel PC
with resistive touchscreen, without audio function,
assembled in China
PPC-6121-R8IAU
12.1" 8th/9th Gen Intel® Core™ i/Celeron® panel PC
with resistive touchscreen, assembled in Taiwan
1702002600
Power Cable UL/CSA (USA) 180D 125V10A 1.83M
1702002605
Power Cable 90D 220V EUROPEAN 250V/6A 1.8M
1700000237
Power Cord PSE 3P 12A 125V 183cm
96CB-POWER-B-1.8MA
POWER CORD for China 1.8M
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-ARM-A03
ARM VESA Standard (A-CLEVER) for PPC series
PPC-STAND-A1E
Stand For PPC Series
98R3P612100
TPM module for PPC-6121
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
98R36121000
Add-on box for PCI or PCIe expansion
(include PCI / PCIe riser card)
96PSA-A150W19P2-3
ADP A/D 100-240V 150W 19V C14 TERMINAL
BLOCK 2P
Dimensions
Unit: mm
Panel Cutout Dimensions: 311 x 240 mm (12.24 x 9.44 in)
A
C
H
E
G
I
B
D
F
J
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F)
Storage Temperature
-40 ~ 90 °C (-40 ~ 194 °F)
Relative Humidity
10 ~ 95% @ 40 °C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 1Grms @with HDD, follow IEC 60068-2-64
EMC
CE, FCC Class A, BSMI
Safety
CB, UL,CCC, BSMI
Front Panel Protection
IP65 compliant
317.00
309.36
75.00
121.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com