Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-6151C-RTAU Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-6151C-RTAU
Description  15 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-6151C-RTAU Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-6151C-RTAU Datasheet HTML 1Page - Advantech Co., Ltd. PPC-6151C-RTAU Datasheet HTML 2Page - Advantech Co., Ltd. PPC-6151C-RTAU Datasheet HTML 3Page - Advantech Co., Ltd. PPC-6151C-RTAU Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
PPC-6151C
Ordering Information
M/B Part Number
Chassis Part Number
Cooler Part Number
PPC-MB-8260AE /
PPC-MB-610 /
PPC-MB-8260B /
PPC-MB-610B
(assembled in China)
PPC-6151C-RTAE
(assembled in China)
1960053207N001
PPC-MB-8260AU/
PPC-MB-610U/
PPC-MB-8260BU/
PPC-MB-610BU
(assembled in Taiwan)
PPC-6151C-RTAU
(assembled in Taiwan)
1960053207N001
AIMB-275
PPC-6151C-RMAE
1960053207N001
AIMB-226
PPC-6151C-RMAE
1960061914N001
Note 1. The motherboard, chassis, and cooler should be ordered together to ensure easy configuration.
Note 2. The chassis is equipped with AC power supply and riser cards.
Optional Accessories
Part Number
Description
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
1702002605
Power cable (EU) 90D 220 ~ 250V/6A, 1.8 M
1702002600
Power cable (US) 180D 125V/10A, 1.83 M
1702031801
Power cable (UK), 1.8 M
96CB-POWER-B-1.8MA
Power cable (China), 1.8 M
9893BE0200E
Riser card with 2 x PCIe x1 slots
9893BE03000
Riser card with 1 x PCIe x1 and 1 x PCI slots
9893BE17000
Riser card with 2 x PCIex8 slots (only for PPC-MB-6x0)
98R36151C20
Riser card with 1 x PCIex16 slots (only for PPC-MB-6x0)
PPC-ARM-A03
ARM VESA Standard (A-CLEVER) for PPC series
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-Stand-A1E
Stand for PPC series
1700027838-01
Cable for two internal USB for PPC-MB-XXXX with I/O
BKT
98R36151C10
the second 2.5"SATA HDD (only one riser card slots
available)
98R3P612100
TPM module for PPC-MB-6x0
Dimensions
Unit: mm
Panel Cutout Dimensions: 382 x 303 mm (15.03 x 11.92 in)
391.40
379.31
7.50
103.60
146.15
100.00
75.00
I/O View
PPC-6151C-RTAE
PPC-6151C-RMAE
A. Power switch
B. Reserved ports
C. AC inlet
D. PPC-MB-XXXX I/O port
E. Expansion x 2
Note 1: The max. dimension of expansion cards supported is 178 x 107 x 40 mm.
Note 2: If the two slots are to be used simultaneously, the max. dimension supported is
178 x 107 x 20 mm for each PCI or PCIe expansion card.
Note 3: The max. power consumption of PCIe expansion card supported is 75W.
Note 4: If use dual HDD kits,only one riser card slots available.
A. Power switch
B. Reserved ports
C. AC inlet
D. Mini-ITX motherboard I/O port
E. USB 2.0 (input, for connecting the
motherboard and touch controller)
F. Display port (input, for connecting the
motherboard and LVDS panel)
G. Expansion x 1
A
B
C
D
E
A
G
C
B
D
E F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com