Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 3 Page - Texas Instruments

  LSF0108 Datasheet HTML 1Page - Texas Instruments LSF0108 Datasheet HTML 2Page - Texas Instruments LSF0108 Datasheet HTML 3Page - Texas Instruments LSF0108 Datasheet HTML 4Page - Texas Instruments LSF0108 Datasheet HTML 5Page - Texas Instruments LSF0108 Datasheet HTML 6Page - Texas Instruments LSF0108 Datasheet HTML 7Page - Texas Instruments LSF0108 Datasheet HTML 8Page - Texas Instruments LSF0108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
Changes from Revision I (June 2019) to Revision J (April 2020)
Page
• Added section Voltage Translation for Vref_B < Vref_A + 0.8 V ......................................................................22
Changes from Revision H (June 2019) to Revision I (July 2019)
Page
• Changed product status from Advance Information mix to Production Data ..................................................... 1
• Deleted Advance Information note from the DTQ package in the Device Information table. ............................ 1
• Deleted Advance Information note from DTQ Package, in the Pin Configuration and Functions section. ........ 4
• Deleted Advance Information note for the DTQ package in the Thermal Information table. ............................. 8
Changes from Revision G (February 2016) to Revision H (June 2019)
Page
• Added Advance Information note to Device Information table for DTQ package .............................................. 1
• Added DTQ6 pinout drawing to Pin Configurations and Functions section (Advance Information)....................4
• Added Advance Information note to LSF0101 Thermal Information table. ........................................................8
• General improvements to Application and Implementation section for clarity. ................................................ 16
Changes from Revision F (October 2015) to Revision G (October 2015)
Page
• Added all available package dimensions in Device Information and changed the pin diagram description....... 1
Changes from Revision E (July 2015) to Revision F (October 2015)
Page
• Changed Features from "Supports High Speed Translation, Greater Than 100 MHz" to "Supports Up to 100
MHz Up Translation and Greater Than 100 MHz Down Translation at ≤ 30pF Cap Load and Up To 40 MHz
Up/Down Translation at 50 pF Cap Load." ........................................................................................................ 1
• Updated all propagation delay tables changed from generic to specific LSF devices. ......................................9
Changes from Revision D (October 2014) to Revision E (July 2015)
Page
• Deleted "Less Than 1.5 ns Max Propagation Delay" from Features. ................................................................ 1
• Updated ESD Ratings table. ..............................................................................................................................7
• Increased MAX value for TA, Operating free-air temperature, from 85°C to 125°C............................................7
• Updated the Device Functional Modes section................................................................................................ 14
• Updated the Pull-Up Resistor Sizing section.................................................................................................... 18
Changes from Revision C (May 2014) to Revision D (August 2014)
Page
• Changed bidirectional voltage level translation from 1.0 to 0.95 ....................................................................... 1
• Changed YZT package to fix view error. ............................................................................................................1
• Changed YZT Package, to fix view error. .......................................................................................................... 4
• Added Vref_A footnote......................................................................................................................................17
Changes from Revision B (May 2014) to Revision C (May 2014)
Page
• Changed LSF0108 status from preview to production........................................................................................1
• Updated document title. .....................................................................................................................................1
• Updated Handling Ratings table. ....................................................................................................................... 7
Changes from Revision A (January 2014) to Revision B (February 2014)
Page
• Added LSF0108 to data sheet. .......................................................................................................................... 1
Changes from Revision * (December 2013) to Revision A (January 2014)
Page
• Updated part number.......................................................................................................................................... 1
• Updated Electrical Characteristics table............................................................................................................. 9
www.ti.com
LSF0108
SDLS966L – DECEMBER 2013 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LSF0108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com