Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7066 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7066 Datasheet HTML 9Page - Anpec Electronics Coropration APW7066 Datasheet HTML 10Page - Anpec Electronics Coropration APW7066 Datasheet HTML 11Page - Anpec Electronics Coropration APW7066 Datasheet HTML 12Page - Anpec Electronics Coropration APW7066 Datasheet HTML 13Page - Anpec Electronics Coropration APW7066 Datasheet HTML 14Page - Anpec Electronics Coropration APW7066 Datasheet HTML 15Page - Anpec Electronics Coropration APW7066 Datasheet HTML 16Page - Anpec Electronics Coropration APW7066 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2005
APW7066
www.anpec.com.tw
13
Comp2 (2V/div)
SS2 (2V/div)
Time(5us/div)
Comp1 (2V/div)
SS1 (2V/div)
Time(5us/div)
VOUT1 (0.2V/div)
VOUT2 (0.1V/div)
VOUT3 (0.1V/div)
IOUT1 (10A/div)
Time(20us/div)
VOUT1 (0.1V/div)
VOUT2 (0.1V/div)
VOUT3 (0.05V/div)
IOUT2 (5A/div)
Time(20us/div)
UG2 (20V/div)
PGOOD (5V/div)
UG1 (20V/div)
PGOOD (5V/div)
Typical Characteristics (Cont.)
VOUT2 Short Circuit Protection
VOUT1 Short Circuit Protection
VOUT1 Load Transient
VOUT2 Load Transient
VOUT1=VIN3
VOUT1=VIN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com