Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAMM-A-R38-87A Datasheet(PDF) 1 Page - Festo Corporation.

Part # EAMM-A-R38-87A
Description  Axial kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EAMM-A-R38-87A Datasheet(HTML) 1 Page - Festo Corporation.

  EAMM-A-R38-87A Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial kit
EAMM-A-R38-87A
Part number: 1133404
Data sheet
Feature
Value
Mounting position
Any
LABS (PWIS) conformity
VDMA24364-B2-L
Storage temperature
-25 °C ... 60 °C
Relative air humidity
0 - 95 %
Degree of protection
IP40
Ambient temperature
-10 °C ... 60 °C
Transferable torque
4.4 Nm
Product weight
530 g
Interface code, actuator
R38
Interface code, motor in
87A
Note on materials
RoHS-compliant
12/28/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - EAMM-A-R38-87A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EAMM-A-R38-40G FESTO-EAMM-A-R38-40G Datasheet
70Kb / 1P
Axial kit
1/16/23
EAMM-A-R38-57A FESTO-EAMM-A-R38-57A Datasheet
65Kb / 1P
Axial kit
12/28/22
EAMM-A-R38-60G FESTO-EAMM-A-R38-60G Datasheet
73Kb / 1P
Axial kit
1/16/23
EAMM-A-R38-60H FESTO-EAMM-A-R38-60H Datasheet
72Kb / 1P
Axial kit
1/16/23
EAMM-A-R38-60P FESTO-EAMM-A-R38-60P Datasheet
66Kb / 1P
Axial kit
12/28/22
More results

Similar Description - EAMM-A-R38-87A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8063568 FESTO-8063568 Datasheet
70Kb / 1P
Axial kit
1/12/23
8063569 FESTO-8063569 Datasheet
72Kb / 1P
Axial kit
1/12/23
8063574 FESTO-8063574 Datasheet
73Kb / 1P
Axial kit
1/13/23
8063576 FESTO-8063576 Datasheet
70Kb / 1P
Axial kit
1/13/23
8063579 FESTO-8063579 Datasheet
68Kb / 1P
Axial kit
1/13/23
8063592 FESTO-8063592 Datasheet
72Kb / 1P
Axial kit
1/13/23
8063595 FESTO-8063595 Datasheet
72Kb / 1P
Axial kit
1/13/23
8063596 FESTO-8063596 Datasheet
72Kb / 1P
Axial kit
1/13/23
8164409 FESTO-8164409 Datasheet
73Kb / 1P
Axial kit
8164656 FESTO-8164656 Datasheet
73Kb / 1P
Axial kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com