Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-6171C-RTAE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-6171C-RTAE
Description  17 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-6171C-RTAE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-6171C-RTAE Datasheet HTML 1Page - Advantech Co., Ltd. PPC-6171C-RTAE Datasheet HTML 2Page - Advantech Co., Ltd. PPC-6171C-RTAE Datasheet HTML 3Page - Advantech Co., Ltd. PPC-6171C-RTAE Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Panel PCs
Features
PPC-6171C
Specifications
Model
PPC-6171C-RTAE
PPC-6171C-RMAE
Supported Motherboard
PPC-MB series
ƒ
AIMB-275
ƒ
AIMB-226
Chassis
Storage
1 x 2.5" SATA HDD bay/2 x 2.5" SATA HDD bay (optional)
2 x 2.5" SATA HDD bay
I/O
4 x Reserved ports (DB9)
2 x WLAN antenna holes
1 x AC inlet
1 x Power switch
Reserved opening: According to the PPC-MB series
motherboard specifications
1 x AC inlet
1 x Power switch
1 x DP (input, for connecting the motherboard and LVDS
panel)
1 x USB 2.0 (input, for connecting the motherboard and
touch controller)
Reserved opening: According to the motherboard
specifications
Expansion
1 x PCIe x4 or 2 x PCI (in the accessory box)
2 x PCIe x1 (optional)
1 x PCIe x1 + 1 x PCI (optional)
2 x PCIe x8 (optional,only for PPC-MB-6x0)
1 x PCIe x16 (optional,only for PPC-MB-6x0)
1 x PCIe x4 or 1 x PCI (in the accessory box)
Speaker
2 x 1 W
2 x 1 W (optional)
Fan
2 x 12V; 60 x 60 x 15 mm (2.36 x 2.36 x 0.59 in)
Physical Characteristics
Dimensions (W x H x D)
437 x 357 x 107.6 mm (17.2 x 14.06 x 4.2 in)
Weight
5.4 kg (11.9 lb)
OS Support
OS Support
According to motherboard specifications
Power Consumption
Input Voltage
100 ~ 240 VAC, 250W
Power Consumption
SKL: 95W/KBL:125W (with PPC-MB-8260AE)
CFL:165W (with PPC-MB-610)
LCD
Display Type
17" TFT LED panel
Max. Resolution
1280 x 1024
Viewing Angle
80 (left), 80 (right), 60 (up), 80 (down)
Luminance (cd/m2)
350
Contrast Ratio
800
Backlight Lifetime
50,000 hr
Touchscreen
Touch Type
5-wire analog resistive, with optional projected capacitive touch
Light Transmission
80+/-5%
Controller
USB interface
Durability
35 million touches
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F)(With 35W CPU)
0 ~ 45 °C (32 ~ 113 °F)(With 65W CPU)
0 ~ 50 °C (32 ~ 122 °F)
*** please refer to the PPC-MB series CPU list
Storage Temperature
-30 ~ 60 °C (-22 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (non-condensing)
Shock
Operating: 10 G peak acceleration (11 ms duration), IEC 60068-2-27 compliant
Vibration
Operating: Random vibration test 5 ~ 500 Hz, 1 Grms @ with HDD, IEC 60068-2-64 compliant
EMC
CE,FCC,Class A
CE,FCC,Class A
Safety
CB,CCC,UL
CB,CCC,UL
Front Panel Protection
IP66 compliant
17" Configurable Panel PC Chassis for
Selectable Mini-ITX Motherboards
ƒ
17" true-flat panel PC with resistive touch
ƒ
Supports certified mini-ITX motherboards (up to 65W TDP processor)
ƒ
PCI or PCIe expansion slots
ƒ
Front-facing power status LED indicators
ƒ
IP66-rated front panel
All product specifications are subject to change without notice.
Last updated: 1-Aug-2022


Similar Part No. - PPC-6171C-RTAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-6170-RC10AE ADVANTECH-PPC-6170-RC10AE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6170-Ri3AE ADVANTECH-PPC-6170-Ri3AE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6170-Ri5AE ADVANTECH-PPC-6170-Ri5AE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6170A-Ri5AE ADVANTECH-PPC-6170A-Ri5AE Datasheet
549Kb / 2P
17"/ 15" Panel PC with Intel짰 Core??i3 / i5 /Celeron짰 Processor and 4 additional GbE ports
More results

Similar Description - PPC-6171C-RTAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6610 ADVANTECH-ARK-6610_15 Datasheet
797Kb / 2P
Compact Chassis for Mini-ITX Motherboard
AIMB-B2242 ADVANTECH-AIMB-B2242 Datasheet
923Kb / 2P
Embedded Mini-ITX Chassis
AIMB-B2203 ADVANTECH-AIMB-B2203 Datasheet
923Kb / 2P
Embedded Mini-ITX Chassis
logo
DFI Inc
DT122 DFI-DT122 Datasheet
2Mb / 4P
Desktop Chassis for Mini-ITX
logo
Advantech Co., Ltd.
ARK-6610 ADVANTECH-ARK-6610_V01 Datasheet
955Kb / 2P
Compact Chassis for Mini-ITX Motherboard
23-Mar-2018
PPC-615W ADVANTECH-PPC-615W Datasheet
740Kb / 2P
15.6" Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
28-Jul-2022
PPC-618W ADVANTECH-PPC-618W Datasheet
756Kb / 2P
18.5 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
1-Aug-2022
PPC-621W ADVANTECH-PPC-621W Datasheet
714Kb / 2P
21.5 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
28-Jul-2022
PPC-6151C ADVANTECH-PPC-6151C Datasheet
2Mb / 4P
15 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
1-Aug-2022
PPC-6191C ADVANTECH-PPC-6191C Datasheet
1Mb / 4P
19 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
1-Aug-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com