Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-STAND Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-STAND
Description  Stand Kit For All PPC Models
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-STAND Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-STAND Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fanless and Multi-functional Panel PCs
Features
190
2-Ø7.00
M6*10L(mm)
75
100
259
30°
30°
259
100
75
190
PPC-STAND
Stand Kit For All PPC Models
ƒ Includes VESA standards:75 x 75 mm and/or 100 x 100 mm hole pattern
bracket
ƒ Texture of material aluminum
ƒ Modern appearance
ƒ Max. Load-bearing: 10 kg
Introduction
The PPC-STAND fits all 6"~21.5" PPC products, and is designed using aluminium alloy and plastic materials. After many thousands of torque tests, this stand ensure that PPCs
products won't change their position.
Ordering Information
ƒ
PPC-STAND-A1E
Stand Kit for all PPC Models
Specifications
ƒ
Net weight
7.5 KG
ƒ
Dimensions
259 x 190 x 354/283 mm
ƒ
Max. Load-bearing
10kg
Rear
Front
RoHS
COMPLIANT
2002/95/EC
Dimensions
Unit: mm
Base Plate
All product specifications are subject to change without notice.
Last updated: 27-Jun-2018


Similar Part No. - PPC-STAND

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
478Kb / 2P
10.4" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
460Kb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
463Kb / 2P
19" Fanless Panel PC with Intel Atom Quad-Core Processor
More results

Similar Description - PPC-STAND

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
PCA1000 OHMITE-PCA1000 Datasheet
78Kb / 1P
PCA models for AC outputs PCD models for DC outputs
logo
Molex Electronics Ltd.
0752341478 MOLEX11-0752341478 Datasheet
98Kb / 1P
STAND ALONE GUIDE PIN KIT FOR PIRATE CANNON
logo
Bel Fuse Inc.
TCR-4-48G BEL-TCR-4-48G Datasheet
799Kb / 5P
Compatible with all TCP3500 PSU models
logo
PHOENIX CONTACT
2400073 PHOENIX-2400073 Datasheet
50Kb / 1P
Memory - BL PPC 1000 16 GB SSD KIT
2400074 PHOENIX-2400074 Datasheet
49Kb / 1P
Memory - BL PPC 1000 32 GB SSD KIT
2400075 PHOENIX-2400075 Datasheet
50Kb / 1P
Memory - BL PPC 1000 80 GB SSD KIT
2400076 PHOENIX-2400076 Datasheet
49Kb / 1P
Memory - BL PPC 1000 160 GB SSD KIT
2400078 PHOENIX-2400078 Datasheet
49Kb / 1P
Memory - BL PPC 1000 320 GB HDD KIT
2400423 PHOENIX-2400423 Datasheet
53Kb / 2P
Mounting kit - BL PPC 1000 SATA TR
logo
Pepperl+Fuchs Inc.
KT-MB-DMA PF-KT-MB-DMA Datasheet
980Kb / 4P
Advanced Diagnostic Module, Kit for Stand-Alone Operation
2021-01-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com