Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-6171C-RTAU Datasheet(PDF) 4 Page - Advantech Co., Ltd.

Part # PPC-6171C-RTAU
Description  17 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-6171C-RTAU Datasheet(HTML) 4 Page - Advantech Co., Ltd.

  PPC-6171C-RTAU Datasheet HTML 1Page - Advantech Co., Ltd. PPC-6171C-RTAU Datasheet HTML 2Page - Advantech Co., Ltd. PPC-6171C-RTAU Datasheet HTML 3Page - Advantech Co., Ltd. PPC-6171C-RTAU Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.advantech.com/products
Online Download
A
B
C
F
G
H
D
E
Specifications
CPU
CPU
i7-8700/
i7-8700T
i5-8500/
i5-8500T
i3-8100/
i3-8100T
Pentium
G5400/G5400T
Celeron G4900/
G4900T
i7-9700E/
i7-9700TE
i5-9500E/
i5-9500TE
i3-9100E/
i3-9100TE
Core NO.
6/6
6/6
4/4
2/2
2/2
8/8
6/6
4/4
Max Speed
3.2 GHz
(up to 4.6GHz)/
2.4 GHz
(up to 4.0GHz)
3.0 GHz
(up to 4.1GHz)/
2.1 GHz
(up to 3.5GHz)
3.6/3.1 GHz
3.7 / 3.1 GHz
3.1 / 2.9 GHz
2.6GHz
(up to 4.4GHz)/
1.8 GHz
(up to 3.8GHz)
3.0GHz
(up to 4.2GHz)/
2.2 GHz
(up to 3.6GHz)
3.1GHz
(up to 3.7GHz)/
2.2 GHz
(up to 3.2GHz)/
L3 Cache
12 / 12 MB
9 / 9 MB
6 / 6 MB
4 / 4 MB
2 / 2 MB
12 / 12 MB
9 / 9 MB
6 / 6 MB
TDP
65 / 35 W
65 / 35 W
65 / 35 W
54 / 35 W
54 / 35 W
65 / 35 W
65 / 35 W
65 / 35 W
Chipset
Q370
Memory
2 x 260-pin SODIMM DDR4 , 2666 MHz , up to 32 GB ( non-ECC )
Network (LAN)
2 x 10/100/1000 Mbps Ethernet [Intel I219LM (support AMT 12.0 only for i7 & i5); Intel I211-AT/I210AT A ver. or I225LM(2.5GbE) B ver. ]
Rear I/O
1 x RS232/422/485 , 1 x RS232 , 1x DP1.2 , 1 x VGA , 6 x USB3.1 , 1 x Line-out , 1 x Mic-in
Internal Connector
3 x RS232 , 1 x GPIO ( 8 channels ) , 1 x speaker , 1 x LED , 2 x USB 2.0 , 1 x LVDS , 1 x touch control , 2 x SATA 3.0 ( support RAID 0,1 ) ,
1 x TPM2.0
Watchdog Timer
255 timer intervals , configurable using software
Expansion
1 x M.2 slot(2280 M key) for storage; 1 x M.2 slot (2230) for wireless
1 x PCIex16 slot for riser card
Dimensions (W x H) 170 mm x 170 mm (6.69" x 6.69")
OS Support
Microsoft® Windows 10 ( 64 bit ) , Linux
PPC-MB-610x
Ordering Information
Part Number
Description
PPC-MB-610
Mini-ITX M/B support 8/9th Core i for PPC-6000C,
assembled in China
PPC-MB-610B
Mini-ITX M/B support 8/9th Core i for PPC-6000C,
assembled in China
PPC-MB-610U
Mini-ITX M/B support 8/9th Core i for PPC-6000C,
assembled in Taiwan
PPC-MB-610BU
Mini-ITX M/B support 8/9th Core i for PPC-6000C,
assembled in Taiwan
Note:
PPC-MB-610x:Intel I219LM + I211-AT/I210AT, 2 x 1GbE LAN chipset
PPC-MB-610Bx:Intel I219LM + I225LM, 1GbE + 2.5GbE LAN chipset
I/O view
M/B offering for PPC-61X1C-RTAE
Features
ƒ
Supports Intel® 8th & 9th Gen Core™ i processor (LGA1151) with Intel Q370
chipset
ƒ
Two 260-pin SO-DIMM up to 32GB DDR4 2666 MHz SDRAM
ƒ
Supports triple display of DP/VGA/LVDS
ƒ
Supports PCIe x16 (Gen 3), 1 M.2 M key & 1 M.2 E key, 6 x USB 3.1
ƒ
Supports 2 x SATA 3.0 (Raid 0, 1)
ƒ
Supports TPM 2.0 (optional)
ƒ
Supports 4 RS-232,1 RS-232/422/485
ƒ
Supports 1 GPIO(8 channels)
A. USB3.1
B. RS232
C. VGA
D. 2 x Gigabit Ethernet
E. Line-out/Mic-in
F. RS232/422/485
G. Display Port
H. USB 3.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com