Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  TI Sitara™ ARM AM3352 Cortex -A8 1GHz RTX2.0 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
ROM-3310
TI Sitara™ ARM® AM3352 Cortex®-A8
1GHz RTX2.0 Module
ƒ
TI Sitara™ ARM® AM3352 Cortex®-A8 1Ghz high performance processor
ƒ
On board DDR3 512MB memory / 4GB EMMC
ƒ
Supports wide range power input 5V~24V
ƒ
Supports 1 GbE, 1 USB 2.0, 1 USB 2.0 OTG, 2 CANbus, 10 GPIO, 4 UART,
1 I2C, 1 I2S, 1 SPI, 1 SDIO
ƒ
Operating temperature 0 ~ 60 °C / -40 ~ 85 °C
ƒ
Low power consumption, fanless design
ƒ
Supports Linux BSP
Introduction
ROM-3310 RTX2.0 module integrates an ARM Cortex A8 single core 1 GHz TI AM3352 series ultra low power SoC and I/O solution with Linux. TI AM3352 supports multiple serial
ports, 5V~24V wide range power inputs, and wide temperature -40 ~ 85 °C operation for data collection in industrial applications. Based on a thickness of 2 mm board, it uses an
anti-oxidization golden finger design.
ROM-3310 RTX2.0 module offers an Advantech ROM-DB3900 evaluation carrier board for easy integration and hardware design reference, and also provides a Linux BSP utility and
reference codes for application development and device integration.
Specifications
Form Factor
RTX 2.0
Processor System
CPU
TI Sitara Cortex A8 AM3352 1Ghz
Memory
Technology
DDR3 on board 800MHz
Capacity
512MB
Flash
4GB EMMC NAND Flash for O.S & 4MB SPI NOR Flash for ADV loader
Graphics
Parallel RGB
1 x 24-bit TTL, 1366 x 768
Ethernet
Chipset
TI AM3352 Integrated RGMII
Speed
1 x 10/100/1000 Mbps
RTC
RTC
Yes
WatchDog Timer
MSP430G2202 (time out : 0.1~6553.5s, power on/off 4s)
I/O
USB
1 x USB 2.0 host,1 x USB 2.0 OTG
I2S
1
SDIO
1
Serial Port
4 x UART (1 x 4 wire, 3 x 2 wire w/ 3.3V)
SPI
1
CAN
2 x CAN 2.0
GPIO
10
I2C
1
Power
Power Supply Voltage
5 ~ 24 V
Power Consumption
2.11W (Max)
Environment
Operating Temperature
0 ~ 60 °C/ -40 ~ 85 °C
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
68 x 68 mm
Operating System
Linux Kernel v3.2.0
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 7-Jul-2021


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
logo
Advantech Co., Ltd.
ROM-3310 ADVANTECH-ROM-3310_15 Datasheet
637Kb / 2P
TI AM3352 Cortex A8 1GHz RTX2.0 Module
RSB-4220 ADVANTECH-RSB-4220_15 Datasheet
463Kb / 2P
TI Sitara AM3352 Cotrex A8 3.5" Single board
UBC-330 ADVANTECH-UBC-330_15 Datasheet
396Kb / 2P
TI Sitara AM3352 Cortex-A8 RISC box
ROM-3310WS-MCA1E ADVANTECH-ROM-3310WS-MCA1E Datasheet
795Kb / 2P
TI Sitara??ARM짰 AM3352 Cortex짰-A8 1GHz RTX2.0 Module
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
RSB-4220 ADVANTECH-RSB-4220 Datasheet
422Kb / 2P
TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC with Linux Kernel V3.2.0
3-May-2016
RSB-4220_V101 ADVANTECH-RSB-4220_V101 Datasheet
819Kb / 2P
TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
UBC-330 ADVANTECH-UBC-330 Datasheet
2Mb / 4P
TI Sitara™ AM3352 Cortex®-A8 RISC Computing Box
7-Jul-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com