Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILHB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILHB
Description  High Current Multilayer Ferrite Beads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILHB Datasheet(HTML) 2 Page - Vishay Siliconix

  ILHB_V01 Datasheet HTML 1Page - Vishay Siliconix ILHB_V01 Datasheet HTML 2Page - Vishay Siliconix ILHB_V01 Datasheet HTML 3Page - Vishay Siliconix ILHB_V01 Datasheet HTML 4Page - Vishay Siliconix ILHB_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ILHB
www.vishay.com
Vishay Dale
Revision: 11-Aug-2022
2
Document Number: 34102
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CURVES (Frequency Characteristics of R, X, and Z)
0
50
70
80
90
Z
X
R
60
40
20
30
10
ILHB-0603 60
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
100
140
160
180
Z
X
R
120
80
40
60
20
ILHB-0603 120
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
10
20
25
30
Z
X
R
15
5
35
40
ILHB-0805 30
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
50
70
80
90
Z
X
R
60
40
20
30
10
ILHB-0805 60
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
40
80
100
120
Z
X
R
60
20
ILHB-0805 90
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
Z
R
ILHB-0805 120
Ω
100
10
1
0.1
10 000
FREQUENCY (MHz)
50
100
150
200
1000
X
0
100
200
250
300
Z
X
R
150
50
ILHB-0805 250
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
200
400
500
600
Z
X
R
300
100
ILHB-0805 600
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com