Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR4M91G55B-R0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M91G55B-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M91G55B-R0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR4M91G55B-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTCR4M91G55B-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR4M91G55B-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR4M91G55B-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCR4M91G55B-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCR4M91G55B-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCR4M91G55B-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTCR4M91G55B-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTCR4M91G55B-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Document No. JGC42-8794
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 11/19
11-4 熱衝撃
Temperature
Cycling
製品を試験用基板に実装した状態で、温度
-55℃の
恒温槽中に
30分間保持後、温度+125℃の恒温槽中
に直ちに移し、
30分間保持する。これを1サイクルと
し、
1000サイクル行った後、室温に取り出し、24時間
放 置 し た 後 、測 定 し ます 。 試 験方法は
AEC-Q200
REV Dに準拠します。
Component shall be soldered on the test board.
After performing 1000 cycles of thermal test (-
55℃ for 30 minutes to +125℃ for 30minutes), it
shall be measured after leaving at room
temperature for 24 hours. Testing procedure is in
accordance with AEC-Q200 REV D.
表
1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
11-5 高温通電
Operational Life
製品を試験用基板に実装した状態で、温度
+125℃
の恒温槽中に
D.C,6Vを印加しながら1000時間保持
し、室温に取り出し、
24時間放置した後、測定しま
す。試験方法は
AEC-Q200 REV Dに準拠します。
Component shall be soldered on the test board.
Then it shall be kept in a chamber at +125°C on
loading D.C.6V for 1000 hours. And then it shall
be measured after leaving at room temperature
for 24 hours. Testing procedure is in accordance
with AEC-Q200 REV D.
表
1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
11-6 耐静電性
Electro Statics
Discharge
下記の回路において、電圧
EでコンデンサCに蓄えら
れた電荷を、抵抗
Rを介し各端子間に放電した後、
測定します。試験方法は
AEC-Q200 REV Dに準拠
します。
E=±500V , C=150pF , R=2.0kΩ,Direct Contact
Component shall be measured after applying
surge voltage (E) by discharging capacitor (C)
through resistor (R). Testing procedure is in
accordance with AEC-Q200 REV D.
E=±500V , C=150pF , R=2.0kΩ,Direct Contact
表
1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com